Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME12ZAD-R

  • AI
    The **ME12ZAD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for DC-DC conversion and voltage regulation. Below is a detailed breakdown of its specifications, construction, and applications. ### 1. General Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like Toko/Murata), the "12" in the prefix usually refers to the physical footprint size (approx. 12mm x 12mm). | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Mounting Type** | SMD (Surface Mount Device) | | **Dimensions** | Approx. 12.0mm x 12.0mm x 7.0mm | | **Core Material** | Ferrite | | **Shielding** | Magnetically Shielded (prevents EMI) | | **Termination** | Lead-free (RoHS compliant) | --- ### 2. Key Electronic Characteristics The "ZAD-R" suffix typically denotes the tolerance and packaging style. Power inductors like the ME12 series are defined by three main electrical metrics: 1. **Inductance ($L$):** Measured in Microhenries ($\mu H$). This part stores energy in a magnetic field when current flows through it. 2. **DC Resistance (DCR):** The internal resistance of the copper wire. Lower DCR is preferred to minimize power loss and heat generation. 3. **Saturation Current ($I_{sat}$):** The maximum current at which the inductance drops by a specific percentage (usually 20-30%). 4. **Rated Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C) in the component. --- ### 3. Construction and Internal Design The ME12ZAD-R is designed for high-efficiency environments: * **Magnetically Shielded:** The coil is encased in a ferrite housing. This contains the magnetic flux, preventing the inductor from interfering with nearby sensitive components on the PCB. * **Low Profile:** Despite its power handling capabilities, the "ZAD" series focuses on a relatively flat height-to-width ratio for compact electronics. * **Robust Terminals:** Large soldering pads on the bottom ensure a strong mechanical bond to the PCB, which is necessary for components that handle high vibration or thermal cycling. --- ### 4. Common Applications This part is commonly found in the following circuits: * **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. * **Server/Base Station Power:** Providing high-current regulation for CPUs and FPGAs. * **Audio Amplifiers:** Used in Class-D amplifier output filters. * **Battery Management Systems (BMS):** Managing high-current charging and discharging paths. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the ME12ZAD-R variant?
    • ⤷ How does magnetic shielding in this inductor reduce EMI?
    • ⤷ What are the recommended soldering profiles for this SMD component?