Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME13XAA-R

  • AI
    The **ME13XAA-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network** (often produced by manufacturers like Susumu or similar precision component specialists). These parts are designed for high-reliability applications where space-saving and temperature stability are critical. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the ME13XAA-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Precision Thin Film Resistor Network | | **Package Style** | Surface Mount (SMD) / Chip Network | | **Termination Count** | 8-pin (Typically 4-resistor isolated or bussed) | | **Resistance Tolerance** | ±0.1% to ±0.5% (High Precision) | | **TCR (Temp. Coefficient)** | ±25ppm/°C to ±50ppm/°C | | **Operating Temp Range** | -55°C to +125°C | | **Power Rating** | Approx. 0.063W per element | --- ### 2. Internal Construction and Materials The "ME" series utilizes **Thin Film technology**, which involves sputtering a resistive metal layer onto a ceramic substrate. This provides several advantages over standard Thick Film resistors: * **Low Noise:** Thin film structures have much lower current noise, making them ideal for audio and sensitive analog circuits. * **Stability:** Excellent long-term stability under humid or high-temperature conditions. * **Ratio Matching:** Because the resistors are on the same substrate, they track each other’s temperature changes perfectly. --- ### 3. Application Use Cases The ME13XAA-R is commonly found in circuits requiring matched impedance or precise voltage division: 1. **Instrumentation Amplifiers:** Used for setting gain where resistor matching is more important than absolute value. 2. **Voltage Dividers:** Providing stable reference voltages in DC-DC converters. 3. **Industrial Controls:** Signal conditioning for sensors (PLCs and medical equipment). 4. **Telecommunications:** Line termination and matching networks. --- ### 4. Part Number Breakdown (Typical) While naming conventions can vary slightly by manufacturer, the code usually breaks down as follows: * **ME:** Series Identifier (Thin Film Network). * **13:** Size/Form factor code. * **XAA:** Specific resistance value and configuration code. * **-R:** RoHS compliance / Tape & Reel packaging indicator.
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance values available for the ME13XAA-R series?
    • ⤷ How does Thin Film technology compare to Thick Film in terms of cost and performance?
    • ⤷ What is the physical footprint/dimension of the ME13XAA-R package?