Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME14ZBD-R

  • AI
    The **ME14ZBD-R** is an alphanumeric 16x1 character LCD (Liquid Crystal Display) module, commonly used in embedded systems, industrial control panels, and DIY electronics. It belongs to the family of displays that typically utilize the **HD44780** (or compatible) controller standard. --- ### ## 1. Technical Specifications The table below outlines the core electronic characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Display Type** | Alphanumeric LCD | | **Format** | 16 Characters x 1 Line | | **Controller** | HD44780 (or equivalent) | | **Supply Voltage (VDD)** | +5.0V (Typical) | | **Logic Voltage** | 3.3V to 5.0V | | **Backlight** | LED (usually Yellow-Green or Blue) | | **Interface** | 4-bit or 8-bit Parallel | | **Character Font** | 5x8 dots with cursor | --- ### ## 2. Pin Configuration The module generally features a 16-pin interface. Understanding these pins is crucial for wiring the electronic components correctly. | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write (usually tied to GND for Write) | | 6 | E | Enable Signal | | 7-14 | D0-D7 | Data Bus (D4-D7 used for 4-bit mode) | | 15 | A | Backlight Anode (+) | | 16 | K | Backlight Cathode (-) | --- ### ## 3. Electronic Design Considerations ### A. Contrast Control (Pin 3) One of the most common issues in the electronic setup of the ME14ZBD-R is a blank screen. This is controlled by Pin 3 (**VO**). To function correctly, a **10kΩ Potentiometer** should be connected between VDD and VSS, with the wiper connected to Pin 3 to adjust visibility. ### B. Interface Modes * **8-bit Mode:** Uses all data pins (D0-D7). Faster data transfer but occupies 8 GPIO pins on your microcontroller. * **4-bit Mode:** Uses only D4-D7. Slower, but saves 4 GPIO pins. This is the most common electronic implementation for Arduino and ESP32 projects. ### C. Power Consumption The module is highly efficient. Without the backlight, it consumes roughly **1-2mA**. However, turning on the LED backlight (Pins 15/16) can increase consumption to **20mA - 100mA** depending on the brightness resistor used. --- ### ## 4. Common Connection Example (Arduino) ```cpp // Standard LiquidCrystal Library Setup #include // Initialize the library with the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 1); // Set up the LCD's number of columns and rows lcd.print("Hello World!"); } void loop() { // Main code } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the ME14ZBD-R backlight?
    • ⤷ How do I wire a potentiometer for contrast control on this specific module?
    • ⤷ Can this LCD be used with 3.3V logic microcontrollers like the ESP32?