Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME16XBD-R

  • AI
    The **ME16XBD-R** is a specific model of an **electromagnetic buzzzer** (also known as a transducer) commonly used in consumer electronics, automotive alerts, and industrial signaling. It is designed to convert electrical energy into audible sound through electromagnetic induction. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this component: | Parameter | Value/Range | | :--- | :--- | | **Rated Voltage** | 12V DC (Typical) | | **Operating Voltage** | 8V - 16V DC | | **Current Consumption** | Max 30mA - 40mA | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2300Hz ± 300Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (DIP) | --- ### 2. Internal Electronic Construction The ME16XBD-R consists of several key electronic and mechanical parts: 1. **Electromagnetic Coil:** A coil of fine copper wire wound around a soft iron core. When current flows, it creates a magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Vibrating Diaphragm:** A thin metal disk (often containing a small iron piece) that is pulled and released by the magnetic fluctuations. 4. **Oscillator Circuit (Built-in):** Unlike a "transducer" which requires an external AC signal, the **BD** suffix usually indicates a "Buzzer Driver" or internal circuitry. This means it is a **washable/sealed active buzzer** that generates its own tone when DC voltage is applied. 5. **PPO Plastic Housing:** The external casing designed to amplify the sound through a Helmholtz resonator effect. --- ### 3. Application Circuit To use the ME16XBD-R in a digital circuit (like with an Arduino or ESP32), a simple transistor switch is recommended because the current draw (30mA+) may exceed the GPIO pin's limit. ```cpp // Example: Simple Code to trigger the buzzer const int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Turn buzzer ON delay(1000); // Wait 1 second digitalWrite(buzzerPin, LOW); // Turn buzzer OFF delay(1000); // Wait 1 second } ``` --- ### 4. Key Features * **Washable Design:** The "-R" often denotes a "Sealed" or "Washable" version, protected by a removable adhesive tab over the sound hole to prevent flux or cleaning agents from entering during PCB assembly. * **Active vs. Passive:** Since this is an active unit, you do not need to program a frequency (PWM); simply applying the rated DC voltage will produce a steady beep.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ME16XBD-R and a passive piezo transducer?
    • ⤷ Can I control the volume of this buzzer using PWM?
    • ⤷ What is the purpose of the adhesive sticker on top of the buzzer?