Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME18XAX-R

  • AI
    The **ME18XAX-R** is an Electromechanical Power Relay manufactured by **Magnecraft** (a brand under Schneider Electric). It belongs to the 718 series and is specifically designed for high-current switching applications. ### 1. Technical Specifications The following table outlines the core electrical and mechanical characteristics of the ME18XAX-R: | Parameter | Specification | | :--- | :--- | | **Contact Configuration** | SPST-NO-DM (Single Pole Single Throw, Normally Open, Double Make) | | **Contact Rating (Current)** | 20 Amps / 30 Amps (depending on load type) | | **Coil Voltage** | 120 VAC (Standard) | | **Switching Voltage** | Up to 600 VAC | | **Terminals** | Screw Terminals | | **Mounting Type** | Panel Mount | | **Contact Material** | Silver Alloy | --- ### 2. Key Internal Components The ME18XAX-R consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** The heart of the relay. When energized by 120VAC, it creates a magnetic field that moves the internal armature. * **Armature:** A moving lever that responds to the magnetic field to close the electrical contacts. * **Double Make (DM) Contacts:** Unlike a standard switch, a "Double Make" contact bridges two separate points simultaneously. This provides better heat dissipation and higher current handling capabilities. * **Return Spring:** Ensures the contacts snap back to the "Open" position immediately when power is removed from the coil. * **Arc Chute / Insulation:** High-grade dielectric material used to prevent arcing between high-voltage terminals. --- ### 3. Connection Diagram (General Layout) Below is a conceptual representation of the pinout for this type of relay: ```text [ COIL ] [ CONTACTS ] Terminal 1 --------( Coil )-------- Terminal 2 (120VAC Input) Terminal 3 --------\ /------------ Terminal 4 (NO) (Load Circuit) ``` ### 4. Common Applications * **HVAC Systems:** Controlling heavy compressors or blowers. * **Industrial Motors:** Starting and stopping single-phase motors. * **Lighting Control:** Managing large banks of high-intensity discharge (HID) lamps. * **Automation:** Interfacing low-power control signals with high-power machinery.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Double Make (DM) and a standard SPST contact?
    • ⤷ Can the ME18XAX-R be mounted on a DIN rail?
    • ⤷ What are the specific environmental ratings (IP rating) for this relay?