Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME18ZAD-R

  • AI
    The **ME18ZAD-R** is an electronic component primarily classified as a **Zener Diode**. It is designed to provide voltage regulation and protection against overvoltage in electronic circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "18" in the part number typically signifies the **Zener Voltage ($V_z$)**, which is the point at which the diode begins to conduct in reverse bias to regulate voltage. | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 18.0V (Nominal) | Volts (V) | | **Power Dissipation ($P_d$)** | 500mW to 1.0W (Case dependent) | Watts (W) | | **Voltage Tolerance** | ±5% (Standard) | % | | **Configuration** | Single Diode | - | | **Mounting Type** | Surface Mount (SMD) | - | --- ## 2. Electronic Functions The ME18ZAD-R performs three primary roles within a circuit: ### A. Voltage Regulation When the input voltage exceeds 18V, the diode enters the "Zener breakdown" region. It maintains a constant 18V output despite fluctuations in the input current, acting as a simple voltage reference. ### B. Surge Protection (Clamping) It acts as a protector for sensitive components. If a voltage spike occurs, the diode shunts the excess energy to the ground, preventing the voltage from rising significantly above 18V. ### C. Clipping Circuits In AC signal processing, it can be used to "clip" the peaks of a waveform to prevent it from exceeding 18V, effectively shaping the signal. --- ## 3. Physical Packaging While the "R" suffix often denotes **Tape and Reel** packaging for automated assembly, the physical package is usually a small-form-factor SMD (Surface Mount Device) such as: * **SOD-123** * **SOT-23** * **SMA (DO-214AC)** --- ## 4. Typical Application Circuit In a standard configuration, the ME18ZAD-R is placed in parallel with the load, with a current-limiting resistor ($R_s$) in series. ```text [Input Vin] ---- [Resistor Rs] ----+---- [Output Vout = 18V] | [ Z ] <-- ME18ZAD-R (Reverse Biased) | [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the ME18ZAD-R?
    • ⤷ Can this diode be used in high-frequency switching power supplies?
    • ⤷ What are the common alternatives to the ME18ZAD-R if it is out of stock?