Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME22XAA-R

  • AI
    The **ME22XAA-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network**. These components are designed for applications requiring high stability, precise resistance ratios, and excellent thermal tracking. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Resistor Network (Isolated) | | **Resistance Range** | Typically 10Ω to 1MΩ (Varies by sub-model) | | **Tolerance** | ±0.1% to ±1.0% (Precision Grade) | | **Power Rating** | ~0.063W to 0.1W per resistor | | **TCR** | ±25 ppm/°C to ±50 ppm/°C | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Physical Construction and Form Factor * **Substrate:** High-purity alumina ceramic. * **Resistive Element:** Passivated Nichrome (NiCr) thin film, which provides superior moisture resistance and low noise. * **Termination:** Lead-free (Sn) over Nickel (Ni) barrier, making it RoHS compliant. * **Package Style:** Often found in 0603 or 1206 footprint arrays, containing multiple isolated resistors in a single surface-mount (SMD) package. --- ### 3. Key Advantages 1. **Matching and Tracking:** Since the resistors are etched onto the same substrate, they track temperature changes almost identically. This is critical for voltage dividers. 2. **Space Saving:** One "ME" series network replaces multiple discrete resistors, reducing PCB real estate and assembly costs. 3. **Stability:** Thin film technology offers much lower "drift" over time compared to standard thick film resistors. --- ### 4. Common Applications * **Instrumentation:** Signal conditioning and gain setting in Op-Amps. * **Voltage Dividers:** Providing precise reference voltages. * **Feedback Loops:** Used in high-precision power supplies. * **Medical Electronics:** Where high reliability and low noise are mandatory. ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value and tolerance for the 'R' suffix variant?
    • ⤷ How does thin film technology compare to thick film in terms of noise performance?
    • ⤷ Can you provide the pinout configuration for this specific network?