Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME22XBD-R

  • AI
    The **ME22XBD-R** is an electronic component primarily classified as a **high-precision, high-resolution optical encoder module**. It is commonly used in motion control systems, robotics, and industrial automation to provide feedback on position, speed, and direction. --- ### 1. Key Technical Specifications The ME22 series is known for its compact form factor (22mm diameter). Below are the typical electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Output Type** | Incremental (A, B, Z Index) | | **Resolution** | Up to 1024 CPR (Cycles Per Revolution) | | **Operating Voltage** | 5V DC ± 10% | | **Current Consumption** | < 50 mA | | **Output Signals** | TTL Compatible / Line Driver | | **Frequency Response** | Up to 100 kHz | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components The internal architecture of the ME22XBD-R consists of several critical electronic stages: 1. **Optical Sensor Array:** Uses a high-performance LED source and a photodiode array. The light passes through a rotating code disc, creating pulses. 2. **Signal Conditioning IC:** An internal ASIC (Application-Specific Integrated Circuit) that converts the raw analog signals from the photodiodes into clean square waves. 3. **Interpolation Circuitry:** Responsible for multiplying the base resolution to achieve high CPR counts without increasing the physical size of the disk. 4. **Output Driver:** * **Push-Pull:** For standard signal transmission. * **Line Driver (RS-422):** Used for long-distance transmission to reduce electromagnetic interference (EMI). --- ### 3. Wiring and Pinout Configuration The module typically uses a multi-pin connector (often a 5-pin or 8-pin Molex/JST header). | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | Typically +5V Input | | **GND** | Ground | Reference 0V | | **A** | Phase A | Main position pulse | | **B** | Phase B | Phase shifted 90° from A to determine direction | | **Z (Index)** | Index Pulse | One pulse per full revolution for "Home" reference | --- ### 4. Typical Applications * **DC Servo Motors:** Provides closed-loop feedback for precise positioning. * **Medical Equipment:** Used in surgical robots or high-precision imaging tables. * **AGVs (Automated Guided Vehicles):** Measures wheel rotation for odometry and navigation. * **Office Automation:** High-end printers and scanners.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Line Driver and Push-Pull output versions of this encoder?
    • ⤷ How do I calculate the RPM based on the frequency output of the ME22XBD-R?
    • ⤷ What are the mounting requirements for the 22mm frame size?