Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME22ZBX-R

  • AI
    The **ME22ZBX-R** is a specific model of an **Electromagnetic Brake** (clutch/brake unit), typically manufactured by companies like **Miki Pulley**. These components are essential in industrial automation for controlling the motion of rotating shafts. --- ### 1. Technical Specifications The "ME" series generally refers to electromagnetic micro-brakes. Below are the typical electronic and mechanical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Electromagnetic Spring-Actuated Brake | | **Input Voltage** | Typically 24V DC (Standard for PLCs) | | **Power Consumption** | Low (Micro-clutch category) | | **Torque Rating** | Approx. 0.2 Nm to 2.0 Nm (Model dependent) | | **Response Time** | Extremely fast (milliseconds) | | **Mounting Style** | Shaft-mounted or Flange-mounted | --- ### 2. Electronic Operating Principle The ME22ZBX-R operates on the principle of **Electromagnetism and Spring Force**. 1. **The Coil (Stator):** The core electronic part is a copper wire coil encapsulated in a housing. When a DC voltage is applied, it creates a magnetic field. 2. **Actuation:** * **Power ON:** The magnetic field pulls an armature plate toward the stator, overcoming spring tension. This usually *releases* the brake (allowing rotation). * **Power OFF:** The magnetic field collapses. Internal springs push the armature against a friction hub, stopping the shaft. This is a **fail-safe** design. 3. **Circuit Protection:** Because the coil is an **inductive load**, it requires a "Flyback Diode" (Freewheeling diode) in the control circuit to prevent voltage spikes from damaging the driving transistor or PLC output. --- ### 3. Key Electronic Components within the System To integrate the ME22ZBX-R into a machine, the following electronic parts are required: * **DC Power Supply:** Usually a regulated 24V DC supply. * **Switching Device:** A Relay, SSR (Solid State Relay), or a Transistor (NPN/PNP) output from a PLC. * **Overexcitation Controller (Optional):** Some high-speed applications use a special controller that provides a high initial voltage to snap the brake open faster, then drops to a lower "holding" voltage to save energy and reduce heat. --- ### 4. Application Areas * **Robotic Arms:** To hold positions when power is cut. * **Medical Equipment:** Precise positioning in scanning beds. * **Office Automation:** Paper feed mechanisms in high-end printers. * **Packaging Machinery:** Small conveyor indexing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for connecting this brake to a PLC?
    • ⤷ How do I calculate the flyback diode size for this specific coil?
    • ⤷ What are the common failure modes of electromagnetic brakes in industrial environments?