Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME23ZBX-R

  • AI
    The **ME23ZBX-R** is a specialized high-performance cooling fan component, typically manufactured by **Nidec (Servo)**. It is widely used in industrial equipment, servers, and power supplies due to its reliability and specific airflow characteristics. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic and mechanical specifications for this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Nidec / Servo | | **Input Voltage** | 12V DC (Standard Range: 10.2V - 13.8V) | | **Current Rating** | ~0.35A - 0.45A (Varies by sub-revision) | | **Bearing Type** | Dual Ball Bearing (High Durability) | | **Termination** | 3-Wire or 4-Wire (Often includes Tachometer/PWM) | | **Frame Size** | 60mm x 60mm x 25mm (Typical) | | **Speed Control** | Pulse Width Modulation (PWM) support | --- ### 2. Key Electronic Components & Features The "Electronic Parts" within the ME23ZBX-R assembly consist of the following internal subsystems: * **Brushless DC (BLDC) Motor:** Unlike brushed motors, this uses an electronic Commutation circuit to switch the current in the motor windings, reducing friction and electrical noise. * **Integrated Hall Effect Sensor:** This sensor detects the position of the rotor magnets to time the switching of the coils. It also provides the frequency signal for the **Tachometer (FG signal)** output. * **PWM Control IC:** The "X-R" designation often implies advanced control logic. The internal IC interprets a 25kHz PWM signal to adjust the fan speed linearly from 0% to 100%. * **Protection Circuitry:** * **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the motor coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped during installation. --- ### 3. Pinout Configuration (Typical) If the unit features a 4-wire connector, the standard electronic pinout is generally as follows: 1. **Black (GND):** Negative/Ground. 2. **Red (VCC):** +12V Power supply. 3. **Yellow/White (FG):** Frequency Generator (Tachometer) – outputs 2 pulses per revolution. 4. **Blue (PWM):** Speed control input signal. --- ### 4. Common Applications Due to its high static pressure and compact size, the ME23ZBX-R is frequently found in: * **Network Switches/Routers:** For localized cooling of ASICs. * **Medical Equipment:** Where long-term bearing reliability is critical. * **Industrial Inverters:** To dissipate heat from power MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum CFM (Airflow) rating for the ME23ZBX-R?
    • ⤷ Does this fan model support 'Soft Start' to reduce inrush current?
    • ⤷ How do I interpret the 'FG' signal on an oscilloscope for speed calculation?