Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME24ZBA-R

  • AI
    ## ME24ZBA-R: Comprehensive Electronic Overview The **ME24ZBA-R** is a specialized electronic component, typically identified as a **Micro-Blower** (piezoelectric fan/pump) developed by **Murata Manufacturing**. It is designed for compact cooling or aeration in small electronic devices. --- ### 1. Key Technical Specifications Below are the primary parameters for the ME24ZBA-R: | Feature | Specification | | :--- | :--- | | **Type** | Piezoelectric Micro-Blower | | **Driving Voltage** | 10V to 20V (Peak-to-Peak) | | **Current Consumption** | ~50mA to 200mA (load dependent) | | **Operating Frequency** | ~24.0 kHz to 27.0 kHz (Ultrasonic) | | **Maximum Pressure** | ~1.5 kPa | | **Maximum Flow Rate** | ~1.0 L/min | | **Dimensions** | Approx. 20mm x 20mm x 1.85mm | --- ### 2. Functional Electronic Parts & Working Principle The device differs significantly from traditional DC fans. It utilizes the following internal mechanisms: * **Piezoelectric Ceramic Element:** The heart of the unit. When a high-frequency AC voltage is applied, the ceramic vibrates at an ultrasonic frequency. * **Diaphragm/Chamber:** The vibration changes the volume of an internal chamber rapidly. * **Valve Mechanism:** Unlike traditional fans with blades, this uses the high-speed vibration to "pump" air through a central nozzle, creating a concentrated jet of air. * **Acoustic Resonance:** The device is tuned to a specific resonant frequency to maximize air movement while remaining silent to the human ear (ultrasonic range). --- ### 3. Application Circuits To drive the ME24ZBA-R, a standard DC power supply is insufficient. You require a dedicated **driver circuit** consisting of: 1. **PWM Generator:** Usually a microcontroller or a dedicated IC to produce the 24-26kHz signal. 2. **Step-up Transformer/Inductor:** To boost the logic-level voltage (3.3V/5V) to the required 15V-20Vp-p. 3. **H-Bridge or Push-Pull Stage:** To drive the capacitive load of the piezoelectric element efficiently. --- ### 4. Common Use Cases * **Localized Cooling:** Cooling CPUs or laser diodes in ultra-thin laptops or VR headsets. * **Gas Sampling:** Drawing air into sensors for CO2 or VOC detection. * **Medical Devices:** Small-scale aeration or nebulization. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended driver ICs for Murata micro-blowers?
    • ⤷ How do you calculate the power consumption for a piezoelectric blower?
    • ⤷ Can the ME24ZBA-R be used for liquid pumping?