Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME24ZBX-R

  • AI
    The **ME24ZBX-R** is an industrial-grade **DC Gear Motor** commonly used in office automation, robotics, and precision equipment. It is part of a series often manufactured by companies like *Minebea (NMB)* or specialized DC motor suppliers. --- ### 1. Technical Specifications The part number typically encodes specific electrical and mechanical characteristics. Here is a breakdown of the typical parameters for this model: | Parameter | Typical Value / Range | | :--- | :--- | | **Motor Type** | Brushed DC Motor | | **Nominal Voltage** | 24V DC | | **Gearbox Type** | Spur Gearbox (Z-Type) | | **No-Load Speed** | Varies by gear ratio (approx. 50–200 RPM) | | **Output Torque** | High Torque (Reinforced gear set) | | **Direction** | Reversible (by swapping polarity) | --- ### 2. Core Electronic Components The "Electronic" aspect of this assembly consists of three main segments: #### A. The DC Motor (The Power Unit) * **Armature & Commutator:** Uses carbon or precious metal brushes to transfer current to the rotating coils. * **Varistor/Capacitor:** Most ME24ZBX models include an internal **EMI (Electromagnetic Interference) suppressor**. This is usually a small ceramic capacitor or a varistor soldered across the terminals to reduce electrical noise during brush sparking. #### B. The Gearbox (The Mechanical Converter) * **Reduction Ratio:** The "ZBX" suffix often refers to a specific heavy-duty gearbox housing. * **Materials:** Likely features a mix of metal (for high-torque stages) and high-strength plastic gears (for noise reduction in initial stages). #### C. Electrical Interface * **Terminals:** Usually features two solder tabs (Positive and Negative). * **Polarity:** Reversing the DC voltage polarity reverses the rotation of the output shaft. --- ### 3. Common Applications Due to its 24V rating and geared output, it is frequently found in: 1. **Office Equipment:** Laser printers, copiers (toner transport or paper feed). 2. **Vending Machines:** Product dispensing mechanisms. 3. **Medical Devices:** Peristaltic pumps or automated adjustment beds. 4. **Robotics:** Drive wheels for medium-sized AGVs (Automated Guided Vehicles). --- ### 4. Wiring and Control To integrate this part into an electronic circuit, the following components are usually required: ```cpp // Example: Basic Motor Control Logic using an H-Bridge void setup() { pinMode(MOTOR_IN1, OUTPUT); pinMode(MOTOR_IN2, OUTPUT); } void loop() { // Rotate Clockwise digitalWrite(MOTOR_IN1, HIGH); digitalWrite(MOTOR_IN2, LOW); delay(2000); // Stop/Brake digitalWrite(MOTOR_IN1, LOW); digitalWrite(MOTOR_IN2, LOW); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact gear ratio for the ME24ZBX-R variant?
    • ⤷ Which motor driver is recommended for a 24V geared DC motor?
    • ⤷ How do I calculate the maximum load this motor can handle?