Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME26XAX-R

  • AI
    The **ME26XAX-R** is a specific model of an **Electromechanical Power Relay** manufactured by **Magnecraft** (now part of Schneider Electric). It is designed for heavy-duty switching applications, typically found in industrial control panels and HVAC systems. --- ## 1. Technical Specifications The ME26XAX-R belongs to the 26 series of relays. Below are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | DPDT (Double Pole Double Throw) | | **Contact Rating** | 20 Amps @ 120/240VAC | | **Coil Voltage** | 120 VAC (Standard for this suffix) | | **Mounting Type** | Plug-in or Socket Mount | | **Terminal Style** | 8-Pin Square Base | | **Construction** | Enclosed Transparent Dust Cover | --- ## 2. Key Components and Design The device consists of several critical electronic and mechanical parts: ### A. The Electromagnetic Coil The "heart" of the relay. When 120V AC is applied to the coil terminals, it creates a magnetic field that pulls the armature toward the core. ### B. DPDT Contact System * **Double Pole:** It can control two separate circuits simultaneously. * **Double Throw:** Each pole has a Normally Open (NO) and a Normally Closed (NC) contact. * **Material:** Usually silver alloy to resist "pitting" or welding under high current loads. ### C. Mechanical Actuator & Return Spring A physical linkage connects the armature to the contact carriers. When the power to the coil is cut, a precision-tensioned spring forces the contacts back to their original "Rest" state. ### D. Integrated "R" Suffix Feature The **-R** suffix in the part number often indicates a specific physical or electrical feature depending on the vintage: * **Resistor/Varistor:** Often denotes internal suppression to protect against inductive voltage spikes. * **Mechanical Flag/Indicator:** A visual window that shows whether the relay is currently energized. --- ## 3. Applications Due to its high amperage rating (20A), the ME26XAX-R is commonly used for: 1. **Motor Control:** Starting and stopping small fractional horsepower motors. 2. **Lighting Systems:** Managing high-wattage ballast loads. 3. **Heating Elements:** Switching resistive loads in industrial ovens. 4. **Interface Logic:** Acting as a bridge between low-power controllers (PLCs) and high-power machinery. --- ## 4. Pinout Diagram (Typical 8-Pin Square) While you should always check the side-label of the specific unit, the standard 8-pin layout is: ```text Pin 1 & 8: Coil Connections Pin 2 & 7: Common (Pole 1 & 2) Pin 3 & 6: Normally Closed (NC) Pin 4 & 5: Normally Open (NO) ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible sockets for the ME26XAX-R relay?
    • ⤷ How do I test the coil resistance with a multimeter?
    • ⤷ Can this relay be used with a DC coil voltage instead of AC?