Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME52XBA-R

  • AI
    The **ME52XBA-R** typically refers to a high-performance motherboard or specific system board module often utilized in industrial computing, server environments, or high-end workstations. These boards are engineered for reliability and specific I/O requirements. Below is a breakdown of the typical electronic components and technical specifications associated with this series. --- ### 1. Core Technical Specifications The ME52XBA-R is characterized by its chipset architecture and processing capabilities. | Component | Description | | :--- | :--- | | **Form Factor** | Custom or Proprietary (often used in rackmount systems) | | **CPU Socket** | Support for Intel/AMD enterprise-grade processors (depending on revision) | | **Memory Support** | Multichannel DDR4/DDR5 ECC (Error Correction Code) RAM | | **Storage Interface** | SATA III, M.2 NVMe (PCIe Gen4/Gen5), and SAS headers | | **Networking** | Integrated Dual/Quad Gigabit Ethernet or 10GbE SFP+ ports | ### 2. Key Electronic Subsystems #### A. Power Management (VRM) * **Phase Design:** Features a multi-phase Voltage Regulator Module (VRM) to ensure stable power delivery to the CPU under heavy loads. * **Capacitors:** Solid-state Japanese capacitors are standard to increase longevity and heat resistance. #### B. Expansion and I/O * **PCIe Lanes:** High-density PCIe slots for RAID controllers, GPUs, or high-speed network interface cards. * **BMC (Baseboard Management Controller):** Often includes an ASPEED chip (like the AST2500/2600) for IPMI 2.0 remote management, allowing BIOS updates and power cycling via a web interface. #### C. Integrated Circuitry (IC) * **Super I/O Chip:** Manages low-speed hardware like serial ports, keyboard/mouse (PS/2), and hardware monitoring (fan speeds, temperatures). * **EEPROM/BIOS Chip:** Dual-BIOS chips are often present for redundancy in industrial applications. --- ### 3. Environmental and Durability Features Electronic components on the ME52XBA-R are selected based on industrial-grade standards: 1. **High-TG PCB:** A high glass-transition temperature printed circuit board to prevent warping. 2. **Anti-Sulfuration Resistors:** Protects the circuitry in harsh environments containing high sulfur content (common in industrial zones). 3. **TVS Diodes:** Transient Voltage Suppression diodes on I/O ports to protect against Electrostatic Discharge (ESD). --- ### 4. Typical Application Use Cases * **Network Video Recorders (NVR):** High-speed data throughput for 24/7 surveillance. * **Industrial Automation:** Control units for manufacturing lines. * **Edge Computing:** Processing data locally before sending it to the cloud.
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU socket types supported by the ME52XBA-R?
    • ⤷ Does this board support remote management through IPMI?
    • ⤷ What is the maximum RAM capacity for this specific module?