Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME52ZAX-R

  • AI
    The **ME52ZAX-R** is a specific technical part number, typically associated with **DC Axial Fans** (often manufactured by companies like Nidec or similar industrial cooling suppliers). These components are critical for thermal management in electronic systems. Below is a breakdown of the electronic and mechanical characteristics typically found in this series. --- ### 1. General Specifications The ME52ZAX-R is designed for high-efficiency cooling in constrained spaces. Its nomenclature usually identifies its size, voltage, and bearing type. | Feature | Description | | :--- | :--- | | **Component Type** | DC Axial Cooling Fan | | **Input Voltage** | Typically 12V or 24V DC (Model dependent) | | **Bearing System** | Likely Dual Ball Bearing or Advanced Sleeve (indicated by "Z" or "A" codes) | | **Housing Material** | Thermoplastic PBT (UL94V-0 rated) | | **Termination** | Lead wires (Red/Black) or 3-pin connector | --- ### 2. Key Electronic Components The internal PCB of the ME52ZAX-R contains several critical electronic parts to manage the brushless motor: * **Commutation IC:** Since this is a Brushless DC (BLDC) fan, it uses an integrated circuit to switch the magnetic field of the stator coils. * **Hall Effect Sensor:** Used to detect the position of the permanent magnet rotor to ensure smooth timing for commutation. * **Protection Circuitry:** * **Locked Rotor Protection:** Automatically shuts off power to the coils if the fan is physically obstructed to prevent burnout. * **Reverse Polarity Protection:** A diode circuit that prevents damage if the positive and negative leads are swapped. * **PWM Control (Optional):** Some versions include a third wire for Pulse Width Modulation to control fan speed dynamically. --- ### 3. Performance Metrics Fans in this series are engineered for a balance between **Static Pressure** (to push air through heatsinks) and **CFM** (Cubic Feet per Minute) for overall airflow. | Parameter | Performance Level | | :--- | :--- | | **Speed Control** | Fixed Speed or PWM Signal | | **MTTF (Lifespan)** | ~50,000 to 70,000 hours at 40°C | | **Noise Level** | Optimized blade geometry for low decibel (dB) output | | **Safety Certifications** | UL, CSA, TUV, and CE compliant | --- ### 4. Typical Applications The "R" suffix often denotes specific RoHS compliance or a revised aerodynamic blade design. Common uses include: 1. **Power Supplies:** Cooling internal transformers and MOSFETs. 2. **Network Switches:** Maintaining airflow over processors and ASICs. 3. **Medical Equipment:** Quiet, reliable cooling for diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and amperage rating for the ME52ZAX-R?
    • ⤷ Does this model support a Tachometer/Frequency Generator output signal?
    • ⤷ What are the physical dimensions in millimeters for this fan?