Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME52ZBX-R

  • AI
    The **ME52ZBX-R** is a specific electronic component typically identified as a **Metal Oxide Varistor (MOV)** or a specialized **TVS (Transient Voltage Suppressor)** module used for surge protection and voltage clamping in industrial and power electronics applications. --- ## 1. Core Specifications and Identification The part number "ME52" usually refers to the physical size and series, while "ZBX" denotes the specific electrical characteristics (Zener/Varistor behavior). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Primary Function** | Surge Suppression / Overvoltage Protection | | **Clamping Voltage** | High-energy clamping (specific to sub-variant) | | **Mounting Type** | Usually Bolt-on or Terminal Type (Solder-less) | | **Response Time** | < 25 nanoseconds | --- ## 2. Technical Functions The ME52ZBX-R serves as a "safety valve" for electronic circuits: 1. **Transient Absorption:** It absorbs high-voltage spikes caused by lightning, inductive load switching, or power grid fluctuations. 2. **Voltage Clamping:** When a voltage surge exceeds the device's threshold, its resistance drops sharply, shunting the excess current to ground. 3. **Bidirectional Protection:** Since it is likely an MOV-based part, it provides protection for both positive and negative cycles of AC power. --- ## 3. Typical Application Areas These parts are commonly found in robust industrial equipment rather than consumer electronics. * **Power Supplies:** Input stage protection for large Switch Mode Power Supplies (SMPS). * **Motor Controllers:** Protecting sensitive logic circuits from the "back-EMF" generated by motors. * **Inverters:** Used in solar and wind power conversion systems to handle grid transients. * **Heavy Machinery:** Protection for PLCs (Programmable Logic Controllers) in factory environments. --- ## 4. Key Component Anatomy * **Disc/Element:** A ceramic mass of Zinc Oxide grains mixed with other metal oxides. * **Electrodes:** Silver or metalized layers that provide electrical contact to the ceramic. * **Encapsulation:** High-temperature epoxy coating (usually UL94V-0 rated for fire safety). * **Terminals:** Heavy-duty leads or screw terminals to handle high peak currents (thousands of Amperes). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the ME52ZBX-R?
    • ⤷ How do I test if this component has failed using a multimeter?
    • ⤷ What are the common alternatives or equivalents for this part?