Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME54ZAA-R

  • AI
    The **ME54ZAA-R** is an electronic component primarily classified as a **High-Density Integrated Circuit (IC)** or a **Voltage Regulator Module**, typically manufactured by companies like MaxLinear or specific proprietary power management firms. It is most commonly found in high-performance computing hardware, such as ASIC miners (e.g., Antminer) and server power supplies. --- ### 1. Technical Specifications The device is designed for high-efficiency power conversion. Below are the typical technical characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Converter / Power Module | | **Package Type** | QFN (Quad Flat No-lead) | | **Pin Count** | 30-40 pins (model dependent) | | **Output Current** | High-amperage (Often 20A - 40A range) | | **Control Logic** | PMBus or I2C Compatible | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Electronic Functions The ME54ZAA-R serves several critical roles within a circuit: * **Voltage Regulation:** It converts a higher input voltage (e.g., 12V) into a very precise, low voltage (e.g., 0.8V - 1.8V) required by high-speed processors. * **Synchronous Rectification:** Uses internal MOSFETs to reduce power loss during the switching cycle, increasing overall energy efficiency. * **Thermal Protection:** Includes internal sensors that trigger a shutdown or "throttling" if the component exceeds safe temperature limits. * **Overcurrent Protection (OCP):** Monitors the load to ensure that a short circuit or malfunction in the processor does not destroy the power supply unit. --- ### 3. Common Applications This part is predominantly used in hardware that requires high power density: 1. **Cryptocurrency Mining Rigs:** Specifically found on the hashboards of Bitmain Antminers (like the S19 series) to power the ASIC chips. 2. **Server Motherboards:** Used in the Voltage Regulator Module (VRM) section near the CPU. 3. **Networking Hardware:** High-end routers and switches that require stable power for FPGA chips. --- ### 4. Identification and Troubleshooting If you are looking at this part on a PCB, keep the following in mind: * **Pinout:** Refer to the manufacturer's datasheet for the exact layout, as the "R" suffix often denotes a specific revision or tape-and-reel packaging. * **Failure Signs:** Discoloration of the package, a short circuit between the input (VIN) and ground (GND), or a lack of output voltage despite a valid "Enable" signal.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the ME54ZAA-R?
    • ⤷ Which specific ASIC miner models use this component?
    • ⤷ Can this part be replaced by a generic equivalent or does it require programming?