Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME61ZAD-R

  • AI
    The **ME61ZAD-R** is an electronic component primarily classified as a **Precision Micro-Switch** or **Snap Action Switch**, commonly manufactured by brands like **C&K** or **Panasonic** (depending on the specific series catalog). These components are designed for high reliability in detecting mechanical movement and converting it into an electrical signal. --- ## 1. Technical Specifications Below are the typical electronic and mechanical characteristics for the ME series micro-switches: | Parameter | Specification (Typical) | |:---|:---| | **Contact Rating** | 0.1A to 5A at 125/250 VAC | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Switching Logic** | ON-(ON) / Momentary | | **Actuator Type** | Simulated Roller Lever / Plunger | | **Operating Force** | 0.5N to 1.5N | | **Termination Style** | Right Angle PCB Mount (R-Type) | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Key Features & Design The "ME61ZAD-R" part number breakdown reveals specific design choices: * **Snap Action Mechanism:** Utilizes a spring-loaded internal leaf to ensure rapid contact transfer, regardless of the speed of the physical actuation. * **Gold or Silver Contacts:** Usually features gold-plated contacts for low-current applications to prevent oxidation, or silver for higher power loads. * **Right-Angle PCB Terminals ("-R"):** The "R" suffix typically denotes that the pins are bent at a 90-degree angle, allowing the switch to be mounted vertically on a horizontal printed circuit board. * **Compact Footprint:** Designed for space-constrained applications like computer peripherals or small appliances. --- ## 3. Internal Circuitry The switch functions as an **SPDT** device. You can represent its basic logic as follows: ```c // Logical representation of the Switch States if (Actuator == PRESSED) { Terminal_Common -> Connected_to -> Terminal_NO (Normally Open); } else { Terminal_Common -> Connected_to -> Terminal_NC (Normally Closed); } ``` --- ## 4. Common Applications Due to its precision and "R" (Right Angle) mounting style, it is frequently found in: 1. **Consumer Electronics:** Detection of tray movement in CD/DVD players or lens positioning in cameras. 2. **Industrial:** Limit switches for small-scale CNC machines or 3D printers. 3. **Automotive:** Detecting door latch positions or glove box light control. 4. **Peripherals:** High-end computer mice or gaming controllers for tactile feedback.
    ✨ Follow-up Questions
    • ⤷ What is the maximum lifespan (number of cycles) for this switch?
    • ⤷ Can this switch be used for DC high-voltage applications?
    • ⤷ How does the 'R' suffix affect the PCB footprint layout?