Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME62XAX-R

  • AI
    The **ME62XAX-R** is an identification code for a specific series of **Miniature Power Relays**, typically manufactured by brands like **CIT Relay & Switch** or equivalent industrial electronic component suppliers. These components are designed for high-current switching in a small form factor, commonly used in automotive, HVAC, and industrial control systems. --- ## 1. Technical Specifications The "ME" series generally follows a standard set of electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Contact Arrangement** | 1A (SPST), 1B (SPNC), or 1C (SPDT) | | **Contact Rating** | Up to 30A @ 240VAC / 30VDC | | **Coil Voltage Options** | 5VDC, 12VDC, 24VDC, 48VDC, 110VDC | | **Max Switching Power** | 7200VA (AC) / 900W (DC) | | **Contact Resistance** | ≤ 50mΩ (initial) | | **Dielectric Strength** | 2500VAC (between Coil and Contacts) | --- ## 2. Deciphering the Part Number (ME62XAX-R) While naming conventions can vary slightly by manufacturer, the breakdown usually follows this logic: ### **ME62** (Series Identifier) Refers to the physical dimensions and core design of the relay. This is a sub-miniature power relay, often used in PCB (Printed Circuit Board) mounting. ### **X** (Contact Arrangement) * **A:** 1 Form A (Normally Open) * **B:** 1 Form B (Normally Closed) * **C:** 1 Form C (Changeover) ### **AX** (Coil Voltage/Sensitivity) The "A" usually denotes a standard DC coil sensitivity, while the "X" is a placeholder for the specific voltage (e.g., 12 for 12VDC). ### **-R** (Environmental / RoHS) * **R:** Indicates **RoHS Compliance** (Lead-free). * In some catalogs, it may also indicate a specific **Resistor** or **Diode** integrated into the coil to suppress voltage spikes (back EMF). --- ## 3. Key Electronic Functions 1. **Isolation:** Provides a physical and electrical barrier between the low-power control circuit (the coil) and the high-power load circuit (the contacts). 2. **Switching:** Uses an electromagnetic coil to pull an armature, closing or opening the electrical path for high-current devices like motors, heaters, or lamps. 3. **Surge Protection:** If the "-R" includes an internal resistor, it helps protect the driving transistor from the inductive kickback produced when the relay coil is de-energized. --- ## 4. Common Applications * **Automotive Electronics:** Power windows, seat adjustments, and fuel pumps. * **Home Appliances:** Control boards for washing machines, air conditioners, and microwaves. * **Industrial Automation:** PLC output modules and motor starter circuits.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the ME62XAX-R model you are using?
    • ⤷ Do you need a wiring diagram for the 1 Form C (SPDT) configuration?
    • ⤷ Are you looking for a direct cross-reference or equivalent from Omron or TE Connectivity?