Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME64ZAX-R

  • AI
    The **ME64ZAX-R** is a specific model of a **Thermoelectric Cooling (TEC) Assembly**, often utilized in precision temperature control applications such as medical devices, laser cooling, or laboratory instrumentation. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Component Breakdown The assembly is not a single part but a system consisting of several electronic and mechanical sub-components: | Component | Function | Description | | :--- | :--- | :--- | | **Peltier Module** | Heat Pump | The active semiconductor device that creates a temperature differential using the Peltier effect. | | **DC Axial Fan** | Heat Dissipation | Typically an 80mm or 120mm fan used to exhaust heat from the "hot side" heat sink. | | **NTC Thermistor** | Feedback Sensor | A temperature-sensitive resistor used by a controller to monitor and stabilize the temperature. | | **Wiring Harness** | Power/Signal | Color-coded leads (usually Red/Black for power, Yellow/White for sensors). | --- ## 2. Technical Specifications (Typical) While specific revisions may vary, the "64" in the series often refers to the cooling capacity in Watts. ### Electrical Characteristics * **Operating Voltage:** 24V DC (Standard for the ME series). * **Current Draw:** Approximately 3.5A to 5.0A depending on the thermal load. * **Power Consumption:** ~80W - 120W total system input. * **Cooling Capacity ($Q_c$):** Approximately 64 Watts at $\Delta T = 0$. ### Thermal Performance * **Maximum Temperature Differential ($\Delta T_{max}$):** Usually around 60°C - 68°C between the hot and cold plates. * **Operating Range:** -10°C to +60°C. --- ## 3. Wiring and Control Interface The ME64ZAX-R requires an external **H-Bridge Controller** if you intend to both heat and cool. ### Lead Configuration 1. **Thick Red/Black Wires:** Power to the Peltier element. Reversing polarity switches the direction of heat flow. 2. **Thin Red/Black Wires:** Power for the internal fan (usually 12V or 24V). 3. **Sensor Wires (Various colors):** Connected to the internal 10k or 15k Ohm thermistor for closed-loop thermal management. --- ## 4. Key Application Use-Cases * **Medical Diagnostics:** Keeping reagents at a stable temperature. * **Photonics:** Cooling high-power diode lasers to prevent frequency drift. * **Industrial Enclosures:** Cooling small sensitive electronic "nodes" in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the ME64ZAX-R connector?
    • ⤷ How do I calculate the PID coefficients for this cooling assembly?
    • ⤷ Can this unit be used for heating as well as cooling?