Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME64ZBX-R

  • AI
    Based on technical specifications, the **ME64ZBX-R** refers to a high-performance **P-Channel Enhancement Mode MOSFET** commonly used in power management and switching applications. --- ## Technical Specifications (ME64ZBX-R) The following table summarizes the key electrical characteristics typically associated with this component: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | -30 | Volts (V) | | **Continuous Drain Current** | $I_D$ | -12 to -15 | Amperes (A) | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts (V) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 10 - 15 | mΩ (at -10V) | | **Package Type** | - | SOP-8 / PDFN | - | --- ## Key Features 1. **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power loss during the "ON" state, which increases efficiency in battery-powered devices. 2. **High-Speed Switching:** Optimized for fast transitions, making it suitable for PWM (Pulse Width Modulation) applications. 3. **P-Channel Logic:** Simplifies high-side switching circuits because it does not require an additional charge pump to drive the gate. 4. **Trench Technology:** Utilizes high-density cell designs to achieve low thermal resistance. --- ## Common Applications The ME64ZBX-R is frequently integrated into the following electronic systems: * **Power Management:** Used in DC-DC converters and load switches. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for laptops and portable electronics to prevent over-discharge. * **Motor Control:** Acts as a switch in H-bridge circuits for small DC motors. * **LCD Backlighting:** Functions as a power switch for LED backlights in monitors and TVs. --- ## Circuit Implementation Note As a **P-Channel MOSFET**, the device is turned **ON** when the Gate voltage ($V_G$) is significantly lower than the Source voltage ($V_S$). It is turned **OFF** when the Gate voltage is equal to the Source voltage.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the ME64ZBX-R?
    • ⤷ Can you provide a pinout diagram description for the SOP-8 version?
    • ⤷ How does the power dissipation change with different ambient temperatures for this MOSFET?