Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME66XAX-R

  • AI
    The **ME66XAX-R** is a specific model of a **Mercury Displacement Relay (MDR)**, manufactured by companies like Magnecraft (now part of Schneider Electric). These relays are heavy-duty switching devices used primarily in industrial heating, motor control, and lighting applications. --- ### 1. Technical Specifications The part number typically breaks down into specific electrical ratings and configurations: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Mercury Displacement Relay (MDR) | | **Contact Configuration** | 3PST-NO (3-Pole Single-Throw, Normally Open) | | **Current Rating** | 60 Amperes | | **Coil Voltage** | 120 VAC (Standard for the "A" suffix) | | **Switching Medium** | Liquid Mercury | | **Mounting** | Panel Mount | --- ### 2. Core Components & Operation Unlike standard electromechanical relays that use solid metal contacts, the ME66XAX-R uses liquid mercury. 1. **Plunger Assembly:** A ceramic or metal plunger sits inside a hermetically sealed tube. 2. **Mercury Pool:** A reservoir of liquid mercury at the bottom of the tube. 3. **Solenoid Coil:** When the 120V coil is energized, it creates a magnetic field. 4. **Displacement Action:** The magnetic field pulls the plunger down into the mercury pool. This displaces the mercury, raising its level until it bridges the gap between two electrodes, completing the circuit. --- ### 3. Key Advantages * **Low Contact Resistance:** Because the contact is liquid-to-metal, the resistance is extremely low and consistent. * **Arc Suppression:** Mercury naturally "quenches" arcs, making these relays ideal for high-inductive loads. * **Longevity:** There are no mechanical contact points to pit, weld, or wear out. * **Silent Operation:** The liquid contact makes much less noise than a clapper-style relay. --- ### 4. Important Safety & Environmental Note The "ME" series contains **elemental mercury**. Due to environmental regulations (such as RoHS), these parts are being phased out in many regions. * **Handling:** Must be mounted vertically to function. * **Disposal:** Cannot be thrown in regular trash; must be disposed of as hazardous waste. * **Replacement:** Many industries are switching to **Solid State Relays (SSRs)** or high-amperage electromechanical contactors to avoid mercury usage. ---
    ✨ Follow-up Questions
    • ⤷ What are the direct Solid State Relay (SSR) equivalents for the ME66XAX-R?
    • ⤷ How does the vertical mounting angle affect the performance of this relay?
    • ⤷ What are the specific hazardous waste disposal protocols for mercury relays?