Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME68ZBX-R

  • AI
    ## ME68ZBX-R Electronic Parts & Specifications The **ME68ZBX-R** is a specific model identifier typically associated with **Advanced Power Electronics (APEC)** or similar power MOSFET manufacturers. Based on industry standard technical data, this part is an N-Channel enhancement mode power MOSFET, commonly used for high-efficiency switching applications. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics for the ME68ZBX-R: | Parameter | Symbol | Value (Typical) | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 60 - 80 | A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 5 | mΩ | | **Total Gate Charge** | $Q_g$ | 35 - 45 | nC | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Internal Components & Structure The part consists of the following internal electronic structures: * **N-Channel MOSFET Cell:** Utilizes high-density cell design to achieve ultra-low on-resistance ($R_{DS(ON)}$), which minimizes power loss during conduction. * **Gate Oxide Layer:** A thin insulating layer that controls the flow of electricity between the source and drain based on the voltage applied to the gate. * **Body Diode:** An intrinsic P-N junction formed between the source and drain, providing a path for reverse current (freewheeling). * **Package Type:** Usually housed in a **TO-252 (D-PAK)** or **PDFN 5x6** package, optimized for thermal dissipation and surface mounting (SMD). --- ### 3. Functional Applications Due to its high current handling and low thermal resistance, the ME68ZBX-R is found in these electronic circuits: 1. **DC-DC Converters:** Used in Buck or Boost converters to step voltage levels up or down efficiently. 2. **Power Management:** Acts as a load switch in battery-operated devices. 3. **Motor Drivers:** Controls the speed and direction of small DC motors or BLDC motors. 4. **Synchronous Rectification:** Replaces standard diodes in power supplies to reduce heat and improve efficiency. --- ### 4. Part Number Breakdown (Generic) | Code Segment | Description | | :--- | :--- | | **ME** | Manufacturer/Series Prefix (e.g., Matsuki Electric/APEC) | | **68** | Current or Voltage Rating Code | | **Z** | Package / Designator Code | | **BX** | Specific Revision or Feature set | | **-R** | RoHS Compliant / Tape and Reel Packaging |
    ✨ Follow-up Questions
    • ⤷ What are the recommended heat sink requirements for the ME68ZBX-R in high-current applications?
    • ⤷ Can you provide a pinout diagram description for the TO-252 package version?
    • ⤷ What are the common equivalents or cross-references for this MOSFET?