Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME71ZAA-R

  • AI
    The **ME71ZAA-R** is an industrial-grade **LCD Controller Board** (also known as an A/D board) produced by **Mstar** or licensed partners, designed to drive high-resolution liquid crystal displays. It acts as the bridge between video input signals and the LCD panel's internal glass logic. ### 1. Core Technical Specifications The board is built to handle professional and industrial displays, often found in kiosks, medical monitors, or digital signage. | Feature | Specification | | :--- | :--- | | **Main Chipset** | Mstar Series (Industrial Grade) | | **Input Ports** | HDMI, DVI, VGA (D-Sub 15pin) | | **Output Interface** | Dual Channel LVDS (30-pin or 40-pin) | | **Max Resolution** | 1920 x 1080 @ 60Hz (Full HD) | | **Power Input** | 12V DC | | **Panel Voltage** | Jumper selectable: 3.3V, 5V, or 12V | --- ### 2. Key Electronic Components The ME71ZAA-R consists of several critical stages to process video data: #### A. Video Processing Engine (The MCU) The central integrated circuit (IC) performs the **Scaling** and **Analog-to-Digital conversion**. It takes incoming signals (like VGA) and scales them to fit the native resolution of the connected LCD panel. #### B. LVDS Interface * **Low-Voltage Differential Signaling:** This is the primary output method. * The board uses differential pairs to transmit high-speed data to the screen while minimizing electromagnetic interference (EMI). #### C. Power Management Section * **Buck Converters:** Steps down 12V input to 5V, 3.3V, and 1.8V for the internal logic. * **Panel Power Jumper:** A physical header used to select the correct voltage for the LCD glass. *Warning: Setting this incorrectly can blow the panel's T-CON board.* #### D. Inverter/LED Driver Interface * A 6-pin or 8-pin connector provides: 1. **VIN (12V):** Power for the backlight. 2. **ENA (Enable):** Logic signal to turn the lights on/off. 3. **DIM (PWM):** Brightness control signal. --- ### 3. Connection and Logic Map Below is the typical layout of how the electronics interact: ```mermaid graph LR A[Power Input 12V] --> B[Voltage Regulators] C[Video Input HDMI/VGA] --> D[Mstar Processor] D --> E[LVDS Output Connector] E --> F[LCD Panel] B --> G[Backlight Driver] G --> F ``` --- ### 4. Common Applications * **Digital Signage:** Continuous 24/7 operation. * **Industrial Terminals:** Connecting modern SBCs (like Raspberry Pi) to old industrial screens. * **Gaming Machines:** High-reliability display driving.
    ✨ Follow-up Questions
    • ⤷ How do I configure the jumper settings for different panel voltages on this board?
    • ⤷ What are the specific pinout definitions for the LVDS connector on the ME71ZAA-R?
    • ⤷ Can this board be flashed with custom firmware for non-standard resolutions?