Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME72XAX-R

  • AI
    The **ME72XAX-R** is a specific model within a series of **Power Relays**, typically manufactured by brands like *Magnecraft* (now part of Schneider Electric). It is designed for heavy-duty switching applications where high current loads are required. --- ### 1. Technical Specifications The ME72XAX-R is characterized by its robust build and high switching capacity. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Contact Configuration** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Coil Voltage** | 120 VAC (Typical for "XAX" series) | | **Contact Rating (Current)** | Up to 20A - 30A (depending on specific load type) | | **Contact Material** | Silver Alloy (often Silver Cadmium Oxide) | | **Mounting Type** | Panel Mount or Flange Mount | | **Termination** | Quick Connect / Solder Terminals | --- ### 2. Key Electronic Components & Features #### A. Electromagnetic Coil The heart of the relay is a copper wire coil wrapped around a ferrous core. When the rated voltage (e.g., 120V) is applied, it creates a magnetic field that pulls the armature down to close the contacts. #### B. Power Contacts The "R" suffix often denotes a specific revision or a **Resistor/Rectifier** internal modification for coil suppression in some variations, though in the ME7 series, it usually refers to a **Heavy Duty** construction meant for inductive loads (motors, transformers). #### C. Insulation and Housing * **Dielectric Strength:** Usually rated for 1500V - 2500V between the coil and contacts to prevent arcing. * **Enclosure:** Typically enclosed in a clear or opaque plastic dust cover to protect the internal mechanics from environmental contaminants. --- ### 3. Application Use Cases This relay is commonly found in industrial control panels and HVAC systems due to its reliability. 1. **Motor Control:** Starting and stopping small to medium-sized AC motors. 2. **Heating Elements:** Managing high-wattage resistive loads in industrial ovens. 3. **Lighting Systems:** Switching large banks of discharge lamps or high-intensity LEDs. --- ### 4. Part Number Breakdown (General Logic) | Prefix/Code | Meaning | | :--- | :--- | | **ME** | Series Identifier (Power Relay) | | **7** | Physical Size/Frame Type | | **2** | Number of Poles (usually indicating contact setup) | | **XAX** | Contact Arrangement (Standard SPST-NO-DM) | | **-R** | Revision or specific feature (e.g., RoHs compliant or internal resistor) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the ME72XAX-R variant?
    • ⤷ Can this relay be used for DC load switching?
    • ⤷ What are the common failure modes for this type of power relay?