Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME72XBX-R

  • AI
    The **ME72XBX-R** is an industrial-grade electromechanical power relay, typically manufactured by **Magnecraft (now Schneider Electric)**. It belongs to the 725 series (often identified under the legacy nomenclature) and is designed for heavy-duty switching applications. --- ### 1. Key Technical Specifications The "ME72XBX-R" designation describes specific electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Contact Configuration** | DPDT (2 Form C) | | **Contact Rating (Resistive)** | 25A to 30A @ 240VAC / 28VDC | | **Coil Voltage** | Typically 120VAC or 240VAC (Check suffix for exact) | | **Mounting Style** | Plug-in / Panel Mount | | **Features** | Full-feature cover with manual override button and LED | | **Terminal Type** | Quick-connect / Solder terminals | --- ### 2. Functional Components The device consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** When energized, it creates a magnetic field that pulls the armature. In the "R" variant, this coil is often designed for high-cycle reliability. * **DPDT Contacts (Double Pole Double Throw):** This allows the relay to control two separate circuits simultaneously, with both a Normally Open (NO) and Normally Closed (NC) state for each pole. * **Arc Shielding:** Heavy-duty relays like this include internal barriers to prevent arcing between poles when switching high-current loads. * **LED Indicator:** A built-in light that shows when the coil is receiving power. * **Manual Override Button:** A mechanical flag or button that allows technicians to manually trip the contacts for testing without applying power to the coil. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the "ME72XBX-R" code: 1. **72 (Series):** Refers to the power relay family capable of handling 20A-30A loads. 2. **XBX:** This is the standard code for **DPDT** contact arrangement. 3. **-R:** Usually indicates the **Flag/Manual Override** and **LED indicator** features are included. --- ### 4. Common Applications Due to its high amperage rating, this part is commonly found in: * **HVAC Systems:** Controlling blowers, compressors, and heaters. * **Motor Control:** Small to medium-sized motor starters. * **Lighting Panels:** Managing high-wattage industrial lighting arrays. * **Industrial Automation:** Used as an interface between low-power PLCs and high-power actuators.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your version of the ME72XBX-R?
    • ⤷ Do you need a wiring diagram for the DPDT terminal layout?
    • ⤷ Are you looking for a modern Schneider Electric equivalent part number?