Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME72ZAD-R

  • AI
    The **ME72ZAD-R** is an advanced electronic module typically associated with **biometric security systems**, specifically designed for fingerprint recognition and authentication. It is widely used in smart locks, access control systems, and time attendance devices. Below is a breakdown of its electronic characteristics and components. --- ### 1. Core Technical Specifications The ME72ZAD-R functions as an integrated capacitive fingerprint sensor module. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Capacitive Fingerprint Sensor | | **Interface** | UART (TTL), USB 1.1/2.0 | | **Operating Voltage** | 3.3V to 5.0V DC | | **Resolution** | 508 DPI | | **Verification Speed** | < 0.5 seconds | | **Storage Capacity** | Typically 500 to 2000 fingerprints (varies by MCU) | | **FRR / FAR** | FRR < 1% / FAR < 0.001% | --- ### 2. Key Electronic Components The module is composed of three primary electronic layers: #### A. The Sensing Element (Capacitive Matrix) Unlike optical sensors that use cameras, this part uses a **pixel array of capacitors**. * **Function:** When a finger is placed on the surface, the ridges and valleys of the fingerprint create different capacitance values. * **Electronic Property:** The ridges (conductive) change the charge stored in the local capacitor more than the valleys (air gaps). #### B. The Analog-to-Digital Converter (ADC) * **Function:** Translates the small electrical charges from the capacitor matrix into digital signals. * **Processing:** It filters out noise caused by dry skin or moisture to ensure a clean image of the fingerprint. #### C. The Integrated Circuit (MCU / DSP) * **Function:** This is the "brain" of the module. It runs the matching algorithms (MINEX-compliant) and manages the database. * **Storage:** Contains non-volatile flash memory to store encrypted "templates" (mathematical representations of fingerprints) rather than actual images. --- ### 3. Pinout and Connectivity The ME72ZAD-R usually utilizes a 6-pin or 8-pin connector for integration with a host microcontroller (like Arduino, STM32, or a PC). | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Power Supply (3.3V - 5V) | | 2 | **TXD** | Data Output (Transmit) | | 3 | **RXD** | Data Input (Receive) | | 4 | **GND** | Ground | | 5 | **Touch/IRQ** | Interrupt pin (wakes up the system when touched) | | 6 | **3.3V Out** | Optional voltage output for auxiliary circuits | --- ### 4. Operating Principles 1. **Detection:** The "Touch" pin detects a change in capacitance when a finger is near. 2. **Imaging:** The matrix captures the electrical signature of the print. 3. **Template Generation:** The internal MCU extracts unique "minutiae" points. 4. **Communication:** The module sends a "Match/No Match" signal or a User ID to the host system via UART commands.
    ✨ Follow-up Questions
    • ⤷ What are the specific UART commands used to register a new fingerprint on the ME72ZAD-R?
    • ⤷ How does the ME72ZAD-R handle data encryption to prevent fingerprint spoofing?
    • ⤷ Can this module be integrated with an Arduino or ESP32
    • ⤷ and what libraries are required?