Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME72ZBA-R

  • AI
    The **ME72ZBA-R** is a specialized high-performance computing (HPC) server motherboard manufactured by **Giga Computing (GIGABYTE)**. It is designed specifically for professional workstations and server environments utilizing the **AMD EPYC™ 7003 (Milan)** and **7002 (Rome)** series processors. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture & Processor Support The board is built around the **SP3 Socket**, optimized for high-core-count processors and massive memory throughput. | Feature | Specification | | :--- | :--- | | **CPU Socket** | Single LGA 4094 (Socket SP3) | | **Processor Support** | AMD EPYC™ 7003 & 7002 series | | **TDP Support** | Up to 280W (allows for flagship 64-core CPUs) | | **Chipset** | System-on-Chip (SoC) design | --- ### 2. Memory (RAM) Configuration The motherboard features an **8-channel memory architecture**, which is critical for bandwidth-intensive applications like CFD, AI training, or rendering. * **Slots:** 8 x DIMM slots. * **Type:** DDR4 Registered (RDIMM) or Load Reduced (LRDIMM). * **Speed:** Up to 3200 MHz. * **Capacity:** Supports up to 2TB of total system memory. --- ### 3. Expansion Slots (PCIe 4.0) One of the defining electronic features of the ME72ZBA-R is its full utilization of **PCIe Gen 4** lanes provided by the EPYC processor. | Slot Type | Quantity | Lane Configuration | | :--- | :--- | :--- | | **PCIe x16** | 5 | All Gen 4 x16 (Full bandwidth) | | **PCIe x8** | 2 | Gen 4 x8 | | **M.2 Slot** | 1 | M-key, PCIe Gen 4 x4 (2242/2260/2280/22110) | --- ### 4. Storage & Connectivity The board integrates professional-grade storage controllers and networking interfaces. * **Storage Interface:** * 2 x SlimSAS (8 x SATA 6Gb/s or 2 x NVMe PCIe Gen 4 x4). * 2 x SATA III 6Gb/s ports. * **Networking:** * **Dual 10GbE LAN:** Typically powered by an Intel® X550-AT2 controller. * **Management LAN:** 1 x 10/100/1000 Mbps dedicated management port. --- ### 5. Server Management (BMC) For remote electronic control, the board includes a dedicated baseboard management controller. * **Controller:** **Aspeed® AST2500** or **AST2600**. * **Functions:** IPMI 2.0 support, iKVM (Remote Desktop), Hardware monitoring (Voltage, Temp, Fan speed), and BIOS/Firmware remote updates. --- ### 6. Power & Thermal Components To handle a 280W CPU and multiple GPUs, the board uses high-grade power delivery components: * **VRM Design:** Multi-phase digital power delivery for stable voltage regulation. * **Connectors:** 24-pin ATX main power plus dual 8-pin 12V CPU power connectors. * **Fan Headers:** Multiple 4-pin PWM headers with speed control logic integrated into the BMC. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for a fully populated ME72ZBA-R?
    • ⤷ How does the SlimSAS connector differ from standard SATA ports on this board?
    • ⤷ Can this motherboard support NVIDIA multi-GPU setups for AI workloads?