Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME72ZBD-R

  • AI
    The **ME72ZBD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor** or a **Resistor Network**, typically manufactured by companies like **TE Connectivity** (Holsworthy range) or similar specialized passive component brands. These components are designed for high-reliability applications where stability and precision are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the ME series (specifically the ME72 variant), the following technical characteristics apply: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film | Offers better stability and lower noise than thick film. | | **Power Rating** | ~0.1W to 0.25W | Dependent on the specific package size within the 72 series. | | **Tolerance** | ±0.1% to ±1% | High precision for signal processing. | | **Temperature Coeff.** | ±15ppm/°C to ±50ppm/°C | Minimal resistance change during temperature fluctuations. | | **Operating Temp** | -55°C to +155°C | Industrial/Military grade temperature range. | | **Mounting Type** | SMD (Surface Mount) | Designed for automated SMT assembly lines. | --- ### 2. Physical Construction The "ZBD-R" suffix often denotes specific packaging or terminal finishes. * **Substrate:** High-purity alumina ceramic for heat dissipation. * **Resistive Element:** A thin layer of metal film (typically Nichrome) sputtered onto the ceramic. * **Protection:** An epoxy overcoat protects the element from moisture and mechanical damage. * **Terminations:** Usually 100% matte Tin (Sn) over a Nickel (Ni) barrier to prevent leaching during soldering. --- ### 3. Common Applications The ME72 series is utilized in circuits where accuracy is more important than raw power handling: 1. **Medical Instrumentation:** Precision monitoring equipment. 2. **Telecommunications:** Signal conditioning and base station hardware. 3. **Industrial Controls:** Sensor interfaces and PLC (Programmable Logic Controller) inputs. 4. **Automotive:** Electronic Control Units (ECUs) requiring high thermal stability. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **ME:** Series name (Thin Film Precision). * **72:** Size code (often corresponds to a specific footprint like 0603 or 0805). * **ZBD:** Tolerance and TCR (Temperature Coefficient) indicators. * **-R:** Packaging code (usually indicates "Tape and Reel"). ---
    ✨ Follow-up Questions
    • ⤷What is the exact footprint size (e.g.
    • ⤷ 0603 or 0805) for the ME72ZBD-R?
    • ⤷ How does a thin film resistor compare to a thick film resistor in terms of noise?
    • ⤷ Is the ME72ZBD-R RoHS compliant?