Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME73ZAA-R

  • AI
    The **ME73ZAA-R** is an industrial-grade, ultra-wideband (UWB) wireless communication module, typically manufactured by **ALPS ALPINE**. It is designed for high-precision distance measurement, indoor positioning, and secure spatial awareness. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Chipset** | Based on NXP Trimension™ (often SR150 or similar) | | **Frequency Band** | 6.5 GHz to 8.0 GHz (UWB Channels 5 & 9) | | **Interface** | SPI, UART, GPIO | | **Supply Voltage** | 1.8V to 3.3V | | **Precision** | Centimeter-level accuracy (< 10cm) | | **Antenna Type** | Integrated PCB Antenna or U.FL Connector (Model variant dependent) | --- ### 2. Core Electronic Architecture The internal circuitry of the ME73ZAA-R consists of several critical stages: #### A. The UWB Transceiver This is the heart of the module. Unlike Wi-Fi or Bluetooth which use narrowband signals, this part generates extremely short pulses (nanosecond scale). * **ToF (Time of Flight) Engine:** Measures the time it takes for a pulse to travel to a target and back. * **AoA (Angle of Arrival) Support:** Many variants include dual-receiver paths to calculate the specific angle of an incoming signal. #### B. Power Management Unit (PMU) The module integrates LDOs (Low Dropout Regulators) to stabilize the input voltage. This ensures that the high-frequency RF oscillators remain stable, which is critical for maintaining timing precision. #### C. RF Front-End Includes: * **Band Pass Filters (BPF):** To eliminate interference from 2.4GHz/5GHz Wi-Fi signals. * **Switching Matrix:** Manages the transition between transmit (TX) and receive (RX) modes. --- ### 3. Pinout and Connectivity The module typically uses a surface-mount (LGA) design. Common pins include: ```markdown - VDD / GND: Power supply and Ground. - SPI_MOSI / MISO / CLK: High-speed data interface to the host MCU. - IRQ: Interrupt request to notify the host of a successful ranging event. - RST: Hardware reset pin. - WAKEUP: Power management pin to bring the module out of deep sleep. ``` --- ### 4. Typical Application Use-Cases * **Automotive:** Smart Keyless Entry (PKE) with relay-attack protection. * **Industrial:** Real-time Location Systems (RTLS) for tracking assets in warehouses. * **Consumer:** "Find My" functionality for small electronic devices and spatial audio calibration.
    ✨ Follow-up Questions
    • ⤷ How does the ME73ZAA-R compare to Bluetooth LE for distance tracking?
    • ⤷ What are the specific power consumption figures in sleep mode?
    • ⤷ Is this module compatible with the FiRa Consortium standards?