Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME73ZAG-R

  • AI
    The **ME73ZAG-R** is a specific model of an **Earth Leakage Circuit Breaker (ELCB)**, specifically an Earth Leakage Relay or specialized MCCB (Molded Case Circuit Breaker) manufactured by companies like **Mitsubishi Electric**. Below is a breakdown of its electronic and mechanical components, technical specifications, and functions. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Earth Leakage Circuit Breaker (ELCB) / NV Series | | **Number of Poles** | 3 Poles (3P) | | **Rated Current (In)** | 75A (typically adjustable or fixed depending on sub-variant) | | **Rated Voltage (Vn)** | AC 100V - 440V | | **Leakage Sensitivity** | Adjustable (e.g., 30mA, 100mA, 500mA) | | **Breaking Capacity** | High-performance (indicated by the "ZAG" series designation) | --- ### 2. Internal Electronic Parts and Functionality The ME73ZAG-R utilizes a combination of mechanical power components and electronic sensing circuitry to protect against electrical faults. #### A. Zero-phase Current Transformer (ZCT) This is the "heart" of the electronic monitoring. All phase wires pass through this ring-shaped transformer. * **Function:** It detects the vector sum of the currents. Under normal conditions, the sum is zero. If a leak occurs (ground fault), the sum is non-zero, and the ZCT sends a tiny signal to the electronic board. #### B. Electronic Sensing Board (PCB) Unlike standard thermal breakers, this unit contains a Printed Circuit Board (PCB) populated with: * **Operational Amplifiers (Op-Amps):** To amplify the weak signal from the ZCT. * **Time-Delay Circuitry:** To prevent "nuisance tripping" caused by transient surges or lightning. * **Trip Comparator:** A logic gate that compares the detected leakage current against the pre-set threshold (e.g., 30mA). #### C. Magnetic Trip Solenoid When the electronic board determines a fault has occurred, it sends a pulse to this solenoid. * **Function:** The solenoid converts the electrical signal into mechanical movement, striking the latch mechanism to open the contacts instantly. #### D. Test Button Mechanism A manual electronic bypass circuit. * **Function:** When pressed, it simulates a leakage current through a resistor to verify that the ZCT, the PCB, and the Trip Solenoid are all functioning correctly. --- ### 3. Application Areas The "ZAG-R" series is often used in industrial environments where high reliability and protection against insulation failure are required: 1. **Industrial Machinery:** Protection of motors and heavy equipment. 2. **Power Distribution Boards:** Acting as a main or sub-main breaker in sensitive environments. 3. **Moist Environments:** Essential in areas where water exposure increases the risk of ground faults. --- ### 4. Wiring Diagram Representation ```mermaid graph LR Line_In --> ZCT[Zero-phase Current Transformer] ZCT --> PCB[Electronic Processing Board] PCB --> Solenoid[Trip Actuator] Solenoid --> Contacts[Mechanical Contacts] Contacts --> Load_Out ```
    ✨ Follow-up Questions
    • ⤷ What are the specific trip time settings for the ME73ZAG-R?
    • ⤷ How do I troubleshoot a 'nuisance trip' on this specific breaker model?
    • ⤷ What is the difference between the ZAG and the standard AG series?