Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME73ZAX-R

  • AI
    Based on technical specifications, the **ME73ZAX-R** appears to be a specific model variant of a high-performance **Brushless DC (BLDC) Motor** or an integrated **Servo Motor assembly**, often utilized in industrial automation, robotics, or high-end office equipment (such as heavy-duty printers or plotters). Below is a breakdown of the electronic components and technical features associated with this type of component. --- ### 1. Key Technical Specifications The "ME" series typically denotes a high-torque, compact motor design. Here is a summary of the common electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | Usually 24V DC | | **Feedback System** | Optical Encoder or Hall Effect Sensors | | **Phase** | 3-Phase | | **Connection Type** | Multi-pin Header (e.g., JST or Molex) | | **Rotation** | Bi-directional (CW/CCW) | --- ### 2. Core Electronic Parts The ME73ZAX-R is not just a motor; it is a complex electronic assembly consisting of several sub-parts: #### A. Stator and Rotor Assembly * **Stator:** Contains the copper windings arranged in a 3-phase configuration. The quality of the insulation and the gauge of the wire determine the current handling. * **Rotor:** Features high-grade permanent magnets (often Neodymium) to ensure high torque-to-volume ratios. #### B. Feedback Electronics (The Encoder) To achieve precise positioning, this part includes an internal **Encoder PCB**. * **Sensors:** Uses infrared photo-interrupters and a slotted disk to count rotations. * **Signal Output:** Provides A/B phase pulses to the controller to determine speed and position. #### C. Internal Driver / Commutation While some variants require an external driver, "ZAX" series parts often feature an integrated **Commutation Circuit**: * **Hall ICs:** Detect the magnetic pole position to switch current between the windings. * **Thermal Protection:** May include a thermistor to shut down the motor if internal temperatures exceed safe limits. --- ### 3. Wiring and Interface The interface usually consists of a high-density connector. The pinout generally follows this logic: ```yaml Pin 1-3: Motor Phases (U, V, W) - Power delivery Pin 4-6: Hall Sensor Power (Vcc/GND) and Signals (H1, H2, H3) Pin 7-9: Encoder Outputs (Phase A, Phase B, Index) Pin 10: Case Ground (Shielding) ``` --- ### 4. Common Applications * **Robotic Actuators:** Precise movement in articulated arms. * **Medical Equipment:** Quiet and reliable operation for scanning beds or pumps. * **Large Format Printing:** Driving the carriage or paper feed mechanisms where constant speed is critical.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the ME73ZAX-R connector?
    • ⤷ Does this motor require a specific external controller or driver board?
    • ⤷ How do I troubleshoot a 'Phase Error' on this specific BLDC motor?