Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME74XBA-R

  • AI
    The **ME74XBA-R** is an N-Channel enhancement mode MOSFET typically used in power management, DC-DC converters, and load switching applications. It is known for its compact surface-mount design and efficiency in handling moderate current loads. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the ME74XBA-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | ~13A (varies by thermal design) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 10-14 mΩ (at $V_{GS}=10V$) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | SOT-23-6L | Thin, space-saving | --- ### 2. Major Electronic Components & Construction The ME74XBA-R consists of several internal elements integrated into its semiconductor structure: * **N-Channel MOSFET Cell:** High-density cell design to achieve extremely low $R_{DS(ON)}$, which minimizes power loss through heat. * **Gate Oxide Layer:** A thin insulating layer between the gate and the channel that allows the device to be controlled by voltage rather than current. * **Body Diode:** An intrinsic P-N junction between the Source and Drain, often used for freewheeling in inductive load circuits. * **Lead Frame & Encapsulation:** Housed in a SOT-23 package using green epoxy molding compound (halogen-free) for environmental compliance. --- ### 3. Application Use-Cases In electronic circuits, this part is commonly utilized for: 1. **Power Management in Notebooks:** Controlling power rails for CPUs or GPUs. 2. **DC/DC Converters:** Acting as a high-frequency switch in buck or boost regulators. 3. **Load Switches:** Turning peripheral devices on/off via a microcontroller signal. 4. **Battery Protection:** Managing charging and discharging paths in Li-ion battery packs. --- ### 4. Schematic Representation The device pinout for the SOT-23-6L package generally follows this configuration: ```text Pin 1, 2, 5, 6: Drain (D) Pin 3: Gate (G) Pin 4: Source (S) ``` *(Note: Always verify the specific datasheet for your manufacturer's pin mapping as minor variations exist.)*
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the ME74XBA-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V logic level microcontroller?
    • ⤷ What are the common alternatives or equivalents for the ME74XBA-R?