Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME74ZAG-R

  • AI
    The **ME74ZAG-R** is an N-Channel enhancement mode field-effect transistor (MOSFET) commonly used in power management and switching applications. It is designed for high efficiency and high-speed switching. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ME74ZAG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | ~12A to 14A (Varies by thermal design) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~10mΩ - 13mΩ (at $V_{GS}=10V$) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | - | SOP-8 or SOT-23-6 (Application dependent) | --- ### 2. Functional Features * **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power loss during the conduction state, which reduces heat generation. * **High Density Cell Design:** Utilizes advanced trench technology to achieve high power and current handling in a small footprint. * **Fast Switching Speed:** Allows for efficient use in high-frequency DC-DC converters. * **Logic Level Compatibility:** Can often be driven by low-voltage microcontrollers (typically 4.5V or 10V gate drive). --- ### 3. Common Applications The ME74ZAG-R is typically found in the following electronic circuits: 1. **Power Management:** Used in battery protection circuits for laptops and mobile devices. 2. **DC-DC Converters:** Acts as a switching element in Buck or Boost regulators. 3. **Load Switching:** Used to turn power rails on or off within complex electronic systems. 4. **Motor Control:** Small BLDC or brushed DC motor drivers. --- ### 4. Typical Pinout (SOP-8 Example) If the device is in an SOP-8 package, the standard configuration is usually: ```text Pins 1, 2, 3: Source (S) Pin 4: Gate (G) Pins 5, 6, 7, 8: Drain (D) ``` *Note: Multi-pin Drain/Source connections are used to handle higher current and improve heat dissipation.*
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the ME74ZAG-R?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V systems?
    • ⤷ What is the maximum power dissipation (Pd) for this MOSFET?