Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME76XAD-R

  • AI
    The **ME76XAD-R** is a specific electronic component typically identified as a **LDO (Low Dropout) Voltage Regulator** or a specialized **DC-DC Converter** chip, commonly found in consumer electronics like routers, TV boxes, and IoT devices. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The "ME" prefix usually denotes **Nanjing Micro One Electronics (Microne)**. This series is designed for high efficiency and high stability in space-constrained applications. | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Step-Down Switching Regulator / LDO | | **Package Type** | Often SOT-23, SOT-89, or SOT-23-5 | | **Output Voltage** | Typically Fixed (e.g., 3.3V or 1.8V depending on suffix) | | **Input Voltage Range** | Usually up to 6V - 18V (model specific) | | **Max Output Current** | Range of 600mA to 1.2A | --- ### 2. Internal Electronic Structure The internal circuitry of the ME76XAD-R consists of several critical functional blocks that manage power conversion: * **Error Amplifier:** Compares the feedback voltage from the output to an internal reference voltage ($V_{ref}$) to maintain stability. * **Voltage Reference:** A high-precision bandgap reference circuit that ensures the output remains constant despite temperature changes. * **Pass Element:** A P-channel MOSFET that acts as a variable resistor to drop the voltage. * **Protection Circuits:** * **Current Limit:** Prevents the chip from burning out during a short circuit. * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safety limits (usually around 150°C). --- ### 3. Pinout Configuration (Common SOT-23-5) While you should always verify with a specific datasheet, the standard layout for this series is as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **EN** | Enable Pin (High = On, Low = Off) | | 4 | **NC/FB** | No Connection or Feedback (for adjustable versions) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Key Application Circuits To function correctly, the ME76XAD-R requires minimal external components: 1. **Input Capacitor ($C_{in}$):** Usually a $10\mu F$ ceramic capacitor to filter input noise. 2. **Output Capacitor ($C_{out}$):** A low-ESR ceramic capacitor (typically $10\mu F - 22\mu F$) to ensure loop stability and transient response. --- ### 5. Common Use Cases * **Microcontrollers (MCU):** Providing a steady 3.3V rail for ARM or ESP32 chips. * **Battery Powered Devices:** Due to low quiescent current (low power consumption when idle). * **Communication Modules:** Powering Wi-Fi or Bluetooth chips that require "clean" (low noise) power.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage limit for the ME76XAD-R?
    • ⤷ Can this part be substituted with an AMS1117 regulator?
    • ⤷ What are the thermal dissipation requirements for this SOT package?