Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME76XBA-R

  • AI
    The **ME76XBA-R** is an alphanumeric Liquid Crystal Display (LCD) module, typically featuring a 16x2 character configuration. These modules are widely used in embedded systems due to their low power consumption and ease of integration with microcontrollers like Arduino, ESP32, or STM32. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **Operating Voltage (Vdd)** | +5.0V (Typical) | | **Supply Current** | 1.5mA - 3.0mA (without backlight) | | **LCD Type** | STN (Super-Twisted Nematic) | | **Interface** | 4-bit or 8-bit Parallel | | **Controller IC** | HD44780 or compatible (e.g., ST7066) | | **Backlight** | LED (usually Yellow-Green or Blue) | --- ### 2. Pin Configuration The module generally follows the standard 16-pin interface common to character LCDs: 1. **VSS**: Ground (0V). 2. **VDD**: Power Supply (+5V). 3. **VO (V0)**: Contrast Adjustment (via Potentiometer). 4. **RS**: Register Select (0 = Instruction, 1 = Data). 5. **R/W**: Read/Write (usually grounded for Write mode). 6. **E**: Enable signal (Latches data). 7. **D0-D7**: 8-bit Data Bus pins. 8. **A/K**: Backlight Anode (+) and Cathode (-). --- ### 3. Key Electronic Components * **Controller Chip**: The "brain" of the module is usually an HD44780-compliant IC mounted directly on the PCB via COB (Chip-on-Board) technology. It handles the character map and timing. * **Contrast Potentiometer Connection**: The `VO` pin requires a variable resistor (usually 10k ohms) to adjust the voltage level, which determines the visibility of the pixels against the background. * **Current Limiting Resistor**: For the LED backlight (Pins 15/16), a resistor (typically 220Ω) is often required to prevent burning out the LEDs if the module doesn't have one built-in. --- ### 4. Basic Wiring Logic (Example) To interface this with a microcontroller, the standard wiring logic is: ```cpp // Typical Arduino Pin Mapping (LiquidCrystal library) const int rs = 12, en = 11, d4 = 5, d5 = 4, d6 = 3, d7 = 2; LiquidCrystal lcd(rs, en, d4, d5, d6, d7); void setup() { lcd.begin(16, 2); lcd.print("Hello, World!"); } ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I connect an I2C adapter to the ME76XBA-R to save pins?
    • ⤷ What is the difference between 4-bit and 8-bit mode for this LCD?
    • ⤷ How do I calculate the correct resistor for the LED backlight?