Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME78XAD-R

  • AI
    The **ME78XAD-R** is an analog-to-digital (A/D) converter module specifically designed for the **Mitsubishi MELSEC-F (FX5U/FX5UC)** series of Programmable Logic Controllers (PLCs). It serves as an interface to bridge the gap between analog sensors and the digital processing environment of the PLC. --- ## 1. Core Technical Specifications The following table summarizes the primary electronic characteristics of the ME78XAD-R module: | Feature | Specification Details | | :--- | :--- | | **Number of Channels** | 4 Analog Input Channels | | **Input Range (Voltage)** | DC -10 to +10V, 0 to 10V, 0 to 5V, 1 to 5V | | **Input Range (Current)** | 0 to 20mA, 4 to 20mA | | **Digital Output Resolution** | 16-bit Signed Binary (-32768 to 32767) | | **Conversion Speed** | 80 μs per channel (High Speed) | | **Accuracy** | ±0.1% to ±0.3% (depending on ambient temperature) | | **Isolation Method** | Photocoupler isolation between input terminals and PLC power | --- ## 2. Key Electronic Components & Functionality ### A. Analog Input Circuit The input stage utilizes precision resistors and operational amplifiers (Op-Amps) to scale various voltage and current signals into a standardized internal voltage. * **Current Sensing:** For 4-20mA inputs, internal precision shunt resistors are used. * **Filtering:** Built-in low-pass filters help reject high-frequency electromagnetic interference (EMI). ### B. Analog-to-Digital Converter (ADC) The heart of the module is a high-resolution 16-bit ADC. * It samples the continuous analog signal at high speeds (80 microseconds). * The 16-bit resolution allows for very fine granularity, meaning it can detect minute changes in the sensor signal (e.g., a change of 0.3mV in a 10V range). ### C. Isolation and Protection To protect the PLC's CPU and internal circuitry from external surges or ground loops: * **Photocouplers:** Optical isolation ensures that no direct electrical path exists between the high-voltage industrial environment and the logic-level electronics. * **Overvoltage Protection:** Zener diodes or varistors are typically integrated to clamp voltage spikes. --- ## 3. Configuration & Connectivity The module connects to the FX5 series via the high-speed bus interface. From an electronics standpoint, it requires: 1. **24V DC Power Supply:** Usually provided via the PLC backplane or external terminals. 2. **Terminal Block:** Standard screw terminals for connecting sensors (Pressure, Temperature, Flow meters). 3. **Shielding:** It is highly recommended to use shielded twisted-pair cables, with the shield grounded at one point to minimize noise. --- ## 4. Operational Modes * **Sampling Processing:** The module converts data at every conversion cycle. * **Averaging Processing:** The module calculates a mean value over a set time or number of samples to smooth out "noisy" signals. * **Digital Clipping:** Prevents the output value from exceeding the defined scale limits.
    ✨ Follow-up Questions
    • ⤷ How do you configure the gain and offset for the ME78XAD-R in GX Works3?
    • ⤷ What are the specific wiring differences between voltage and current input modes?
    • ⤷ Can this module be used with FX3U series PLCs or only the FX5 series?