Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME78ZBX-R

  • AI
    The **ME78ZBX-R** is an industrial-grade electromechanical power relay, typically manufactured by companies like **Magnecraft (Schneider Electric)**. It is designed for high-current switching applications and is characterized by its robust "Ice Cube" style housing. --- ### ## Technical Specifications Below are the primary electronic and mechanical characteristics of the ME78ZBX-R: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 4PDT (4 Form C) | | **Contact Rating (Resistive)** | 20 Amps | | **Coil Voltage** | Typically 120VAC or 240VAC (check suffix) | | **Mounting Style** | Plug-in / Socket Mount | | **Termination** | Solder/Plug-in Terminals | | **Contact Material** | Silver Alloy | | **Indication** | Often includes a mechanical flag or LED indicator | --- ### ### Key Electronic Components & Design #### 1. The Coil Assembly The "heart" of the relay is an electromagnetic coil. When energized, it creates a magnetic field that pulls an armature. * **Input Protection:** Higher-end versions often include a suppression diode or varistor to handle "back-EMF" (voltage spikes) when the coil is de-energized. * **Power Consumption:** Designed for continuous duty, meaning the coil can stay energized for long periods without overheating. #### 2. 4PDT Contact System The **4PDT (Four Pole, Double Throw)** configuration means this single relay can control four independent circuits simultaneously. Each pole has: * **Common (COM)** * **Normally Open (NO)** * **Normally Closed (NC)** #### 3. High-Capacity Contacts Because it is rated for **20 Amps**, the internal contact points are made of silver alloy (often Silver Cadmium Oxide or Silver Tin Oxide). These materials are chosen to: * Minimize "pitting" caused by electrical arcing. * Reduce contact resistance to prevent heat buildup. * Ensure a long electrical life (cycles). --- ### ### Applications Due to its 20A rating and multi-pole design, the ME78ZBX-R is commonly used in: * **HVAC Systems:** Controlling blowers, compressors, and heaters. * **Motor Control:** Small to medium motor starting. * **Automation Panels:** Interfacing low-power PLC outputs with high-power industrial loads. * **Lighting Systems:** Managing large banks of commercial lighting. --- ### ### Wiring Diagram Logic To implement this part, the pinout typically follows a standard industrial grid: * **Pins A1/A2:** Coil Power. * **Pins 11, 21, 31, 41:** Common Terminals. * **Pins 14, 24, 34, 44:** Normally Open Terminals. * **Pins 12, 22, 32, 42:** Normally Closed Terminals.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 4PDT and DPDT versions of this relay?
    • ⤷ Which socket base is compatible with the ME78ZBX-R?
    • ⤷ Can this relay be used for DC load switching?