Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH12ZAD-R

  • AI
    The **MEH12ZAD-R** is a specific electronic component, primarily identified as a **Micro-Electro-Mechanical System (MEMS) Oscillator**. These components are widely used as timing references in high-reliability applications, offering an alternative to traditional quartz crystal oscillators. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ## 1. Core Technical Specifications The MEH series typically follows a standard industry footprint for high-frequency clock generation. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | MEMS Oscillator | | **Package Type** | Surface Mount (SMD) - often 5.0 x 3.2 mm or 7.0 x 5.0 mm | | **Frequency Range** | Usually fixed (e.g., 10MHz to 150MHz range) | | **Supply Voltage (Vcc)** | 1.8V, 2.5V, or 3.3V (±10%) | | **Output Logic** | CMOS / LVCMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Functional Electronic Sections ### A. The MEMS Resonator Unlike quartz crystals that vibrate mechanically, the core of the MEH12ZAD-R is a tiny silicon structure etched using semiconductor fabrication techniques. * **Role:** Acts as the high-Q mechanical reference. * **Benefit:** Highly resistant to mechanical shock and vibration compared to glass-based crystals. ### B. The CMOS ASIC (Integrated Circuit) Underneath the MEMS resonator is a custom silicon chip that performs several functions: 1. **Oscillator Circuit:** Drives the MEMS resonator into its natural frequency. 2. **Frequency Synthesizer (PLL):** Uses a Phase-Locked Loop to multiply or divide the base frequency to the specific output frequency (e.g., 12.000 MHz). 3. **Temperature Compensation:** Internal sensors adjust the frequency to ensure it remains stable even as the environment gets hot or cold. ### C. Output Driver This section converts the internal signal into a standard electronic signal (LVCMOS) capable of driving other components on a PCB (like a Microcontroller or FPGA). --- ## 3. Pinout Configuration Most oscillators in this series follow a standard 4-pin or 6-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | OE or NC | Output Enable (High = Active) or No Connect | | **Pin 2** | GND | Circuit Ground | | **Pin 3** | OUT | Clock Signal Output | | **Pin 4** | Vdd | Supply Voltage Input | --- ## 4. Key Advantages in Circuit Design * **Reliability:** The "ZAD" designation often refers to specific screening or stability ratings, making it suitable for automotive or industrial communications. * **Low Profile:** The SMD nature allows for very thin PCB assemblies. * **Stability:** High frequency stability (measured in ppm - parts per million) ensures the digital system does not lose "sync" over time. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MEH12ZAD-R variant?
    • ⤷ How does a MEMS oscillator differ from a standard TCXO in terms of power consumption?
    • ⤷ What are the recommended decoupling capacitor values for this component?