Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH16XAX-R

  • AI
    The **MEH16XAX-R** is a specific model of an **Incremental Magnetic Encoder** module, often used in industrial automation, robotics, and motor feedback systems. It is designed to detect the rotational position and speed of a shaft without physical contact. ### 1. Technical Specifications Below are the primary technical characteristics typically associated with this series: | Feature | Specification | | :--- | :--- | | **Technology** | Magnetic (Hall Effect) | | **Output Type** | Incremental (A, B, Z phases) | | **Resolution** | Up to 1024 CPR (Cycles Per Revolution) | | **Supply Voltage** | 5V DC (typically) | | **Interface** | TTL / Line Driver | | **Construction** | Hollow Shaft / Kit Encoder | --- ### 2. Key Electronic Components & Working Principle The device operates using three main internal stages: 1. **Sensing Element:** It contains a **Hall Effect IC** array. Unlike optical encoders that use LEDs and photo-detectors, this uses magnetic field fluctuations. 2. **Magnetic Hub:** A multi-pole permanent magnet is attached to the rotating shaft. As it spins, it changes the magnetic flux density across the sensors. 3. **Signal Processing (ASIC):** An internal Application-Specific Integrated Circuit (ASIC) converts the analog sine/cosine waves from the Hall sensors into digital pulses (Quadrature signals). 4. **Output Driver:** The "-R" suffix often indicates a specific output configuration, typically a **Line Driver** (RS-422 compliant) which allows for long cable runs by providing differential signals (A, A-, B, B-). --- ### 3. Pinout and Signal Layout While specific wiring depends on the connector type, the standard signal architecture is as follows: * **VCC/GND:** Power supply pins. * **Channel A / Channel B:** Two square waves offset by 90 degrees to determine direction and speed. * **Index (Z):** A single pulse per revolution used for homing or reference positioning. * **Differential Pairs:** Used to cancel out electromagnetic interference (EMI) in noisy industrial environments. --- ### 4. Advantages of the MEH Series * **Durability:** Being magnetic, it is immune to dust, oil, and moisture that would blind an optical encoder. * **Compact Form Factor:** Designed for easy integration into the rear of NEMA motors. * **Non-Contact:** No mechanical wear between the sensor and the magnetic hub, leading to a longer lifespan.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and absolute magnetic encoder?
    • ⤷ How do I wire a line driver encoder to a PLC?
    • ⤷ What are the common causes of signal noise in magnetic encoders?