Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH22ZBA-R

  • AI
    The **MEH22ZBA-R** is a specific model of an **Electric Duct Heater** (often integrated into HVAC systems or fan coil units). This component is designed to provide supplemental or primary heating by converting electrical energy into thermal energy through resistive elements. Below is a detailed breakdown of its electronic and electromechanical components. --- ### 1. Primary Electronic & Electrical Components The unit consists of several key layers responsible for power conversion, safety, and control. | Component | Function | Description | | :--- | :--- | :--- | | **Heating Elements** | Heat Generation | Typically open-wire Ni-Chrome (Nickel-Chromium) coils that glow when energized. | | **Contactors / Relays** | Switching | Electromechanical switches that allow low-voltage thermostats to control high-voltage power to the coils. | | **Transformer** | Voltage Step-down | Often includes a 24V transformer to power the control circuit from the main line voltage. | | **Terminal Block** | Connectivity | The interface where field wiring (power supply) and thermostat wires are connected. | --- ### 2. Safety and Protection Circuits Since electric heaters generate significant heat, they include specific safety components to prevent fires or equipment damage: * **Automatic Thermal Cut-out:** A bi-metal switch that opens the circuit if temperatures exceed a safe limit, and automatically resets once the unit cools down. * **Manual Reset Thermal Limit:** A secondary safety device that trips if the automatic switch fails. This requires a technician to manually press a button to restore power. * **Airflow Switch (Pressure Switch):** A critical safety sensor that ensures the heating elements **only** turn on if the fan is blowing air. This prevents the coils from melting due to lack of airflow. --- ### 3. Technical Specifications (Typical) While specific ratings can vary based on the sub-configuration, the "22Z" series generally follows these parameters: | Attribute | Specification | | :--- | :--- | | **Voltage** | Usually 208V / 240V (Single Phase) | | **Kilowatt (kW) Rating** | Ranges from 1.0 kW to 2.2 kW depending on model | | **Control Voltage** | 24V AC (Standard HVAC control) | | **Stages** | Typically Single Stage (On/Off) | --- ### 4. Wiring Interface The wiring for the MEH22ZBA-R usually follows standard HVAC color coding: * **C (Common):** Return path for the 24V transformer. * **W (Heat):** The signal from the thermostat to engage the heater. * **L1/L2:** High voltage power input (208/240V). ---
    ✨ Follow-up Questions
    • ⤷What are the most common failure points in the MEH22ZBA-R heater?
    • ⤷ How do I test the airflow switch on this specific model?
    • ⤷ Is this unit compatible with smart thermostats like Nest or Ecobee?