Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH23ZBD-R

  • AI
    The **MEH23ZBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits for filtering and energy storage. --- ### 1. Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Specified by the value code (e.g., 2.3µH or as per batch) | | **Construction** | Metal Alloy / Magnetic Shielded | | **Termination** | RoHS Compliant Lead-free plating | | **Operating Temp** | -40°C to +125°C (including self-heating) | --- ### 2. Key Electronic Features * **Magnetic Shielding:** The "BD" designation often indicates a shielded structure. This minimizes Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting neighboring sensitive components. * **High Saturation Current:** Being a metal alloy type inductor, it is designed to handle high peak currents without the inductance dropping sharply (saturation). * **Low DC Resistance (DCR):** Designed to minimize power loss as heat, increasing the overall efficiency of the power supply. * **Compact Footprint:** The "23" in the prefix usually refers to the physical dimensions (e.g., 2.5mm x 2.0mm or similar metric sizing depending on the specific manufacturer's grid). --- ### 3. Common Applications This part is generally found in high-density electronic assemblies where space is limited but power efficiency is required: 1. **DC-DC Converters:** Used in "Buck" or "Boost" regulators to smooth out current. 2. **Mobile Devices:** Found in smartphones and tablets for CPU/GPU power rails. 3. **Laptops/Computing:** Localized voltage regulation modules (VRMs). 4. **IoT Sensors:** Provides stable power filtering for low-power wireless modules. --- ### 4. Part Number Breakdown (General) While naming conventions vary slightly by manufacturer (such as Mag.Layers or Cyntec), the code usually breaks down as follows: * **MEH:** Series identifier (Metal Alloy High Current). * **23:** Size code (Physical dimensions). * **Z:** Material or internal characteristic code. * **BD:** Construction style (Shielded/Molded). * **R:** Packaging type (typically Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the MEH23ZBD-R series?
    • ⤷ How does magnetic shielding in inductors reduce EMI?
    • ⤷ What are the recommended soldering profiles for this SMD component?