Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH24ZBA-R

  • AI
    Based on the technical nomenclature for small-diameter motors, the **MEH24ZBA-R** is a specific Brushless DC (BLDC) motor typically manufactured by **Nidec (formerly Shibaura)** or similar precision motor companies. These parts are commonly used in HVAC systems (indoor units) and office automation equipment. --- ## 1. Technical Specifications The "MEH" series usually denotes a high-efficiency brushless motor with integrated drive circuitry. Below is the breakdown of the electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC Motor (BLDC) | | **Voltage Range** | Typically 24V DC | | **Input Type** | Integrated Drive Circuit (Inverter built-in) | | **Rotation Direction** | Counter-Clockwise (CCW) or Clockwise (CW) - *R* often denotes rotation suffix | | **Speed Control** | Pulse Width Modulation (PWM) or Voltage Control | | **Output Power** | Varies (Typically 10W - 30W range) | --- ## 2. Key Electronic Components The internal PCB of the MEH24ZBA-R contains several critical electronic parts that manage the motor's operation: ### A. Integrated Driver IC The "brain" of the motor. It handles the commutation of the phases. Unlike brushed motors, this IC uses feedback from sensors to determine which coil to energize. ### B. Hall Effect Sensors These are small magnetic sensors located on the internal circuit board. They detect the position of the permanent magnet rotor to ensure the Driver IC switches current at the exact right moment. ### C. Power MOSFETs The driver IC controls a bridge of MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors). These act as high-speed electronic switches that funnel the 24V DC power into the motor windings. ### D. Protection Circuitry * **Overcurrent Protection:** Shuts down the motor if it stalls to prevent the coils from burning. * **Thermal Shutdown:** Protects the electronics from overheating during continuous high-load operation. --- ## 3. Wiring Configuration (Connector Pins) Most motors in this series utilize a 5-pin or 6-pin connector. A typical pinout configuration includes: 1. **Vcc (Red/Brown):** Main power supply (24V). 2. **GND (Black):** Ground. 3. **Vsp/Vcont (White):** Speed control signal (0-5V or PWM). 4. **FG (Yellow):** Frequency Generator (Tachometer output to the main controller). 5. **Vdc (Blue/Other):** Logic power (sometimes separate 5V). --- ## 4. Common Applications Due to its low noise and high reliability, the MEH24ZBA-R is frequently found in: * **Air Conditioning Units:** Driving the cross-flow fan or louvers. * **Air Purifiers:** Powering the main circulation fan. * **Photocopiers/Printers:** Precision paper feed mechanisms.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the 5-wire connector on this motor?
    • ⤷ Can this motor be controlled using an Arduino or ESP32?
    • ⤷ What are the common failure signs for the MEH24ZBA-R internal driver?