Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH52XBA-R

  • AI
    The **MEH52XBA-R** is a specific model of an **Incremental Magnetic Encoder**, typically manufactured by companies like **Nidec (Nidec Servo)** or similar motion control specialist brands. These parts are critical for providing feedback in precision motor control systems. --- ### 1. General Specifications The MEH series represents a family of magnetic rotary encoders designed for high-resolution feedback. | Feature | Description | | :--- | :--- | | **Technology** | Magnetic Hall-Effect | | **Output Type** | Incremental (A, B, and sometimes Z/Index channels) | | **Output Format** | Line Driver or Push-Pull | | **Sensing Method** | Non-contact magnetic sensing | | **Application** | DC Brushless Motors, Robotics, AGVs | --- ### 2. Key Electronic Components & Internal Parts The MEH52XBA-R consists of several internal electronic and mechanical layers: #### A. Magnetic Disc (Actuator) Unlike optical encoders that use a glass disc with slits, this part uses a **multi-pole permanent magnet disc**. This disc is attached to the motor shaft. As it rotates, it creates a fluctuating magnetic field. #### B. Hall-Effect Sensor Array The "brain" of the encoder. It contains specialized Integrated Circuits (ICs) that detect the change in magnetic flux. * **A/B Phase Generation:** Two sensors are placed 90 electrical degrees apart to detect both speed and direction (quadrature). * **Interpolation:** The raw magnetic signal is often processed by an internal interpolator IC to increase the resolution beyond the physical number of magnetic poles. #### C. Signal Processing Circuitry This PCB layer contains: * **Voltage Regulators:** To ensure stable operation (usually 5V or 24V DC). * **Line Drivers:** Specifically designed to transmit square wave signals over long distances without interference. * **Filters:** Capacitors and resistors to eliminate electronic noise (EMI). --- ### 3. Pinout and Connectivity While specific wire colors can vary by manufacturing batch, the standard interface for the MEH52XBA-R usually includes: 1. **Vcc:** Power Supply (typically +5V or +12V). 2. **GND:** Ground. 3. **Phase A:** Primary pulse train. 4. **Phase B:** Secondary pulse train (offset by 90°). 5. **Phase Z (Index):** One pulse per revolution for zero-point calibration. 6. **Shield:** To prevent electromagnetic interference. --- ### 4. Part Number Breakdown (Generic MEH Logic) * **MEH:** Series identifier (Magnetic Encoder). * **52:** Physical outer diameter (approx. 52mm). * **X:** Variable for resolution (Pulses Per Revolution). * **BA-R:** Specific mounting/shaft configuration and RoHS compliance. --- ### 5. Technical Advantages * **Durability:** Because it is magnetic and non-contact, it is resistant to dust, oil, and vibration, which would typically fail an optical encoder. * **Compactness:** Magnetic ICs allow for a very slim profile compared to traditional mechanical encoders.
    ✨ Follow-up Questions
    • ⤷ What is the exact Pulse Per Revolution (PPR) for the MEH52XBA-R variant?
    • ⤷ How does a magnetic encoder compare to an optical encoder in terms of accuracy?
    • ⤷ What are the common failure modes for this specific encoder model?