Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH53XBX-R

  • AI
    The **MEH53XBX-R** is a high-performance, chassis-mount power resistor commonly used in industrial and automotive applications. It belongs to a category of resistors designed for high power dissipation and stability under thermal stress. --- ## 1. Core Specifications The following table outlines the typical technical parameters for the MEH series (specifically the 50W-60W range): | Parameter | Specification | | :--- | :--- | | **Power Rating** | 50 Watts (at 25°C case temperature) | | **Resistance Tolerance** | ±1% or ±5% (Commonly) | | **Construction** | Metal Enclosed (Aluminum Housed) | | **Mounting Style** | Chassis Mount (Heatsink required) | | **Temperature Coefficient** | ±50 ppm/°C to ±100 ppm/°C | | **Dielectric Strength** | ~1000V AC to 2500V AC | --- ## 2. Key Electronic Features ### A. Aluminum Housing The "ME" prefix usually signifies a Metal Enclosed design. The resistor element is encased in an anodized aluminum housing. This serves two purposes: 1. **Heat Dissipation:** It acts as a primary heat spreader, allowing the component to handle high wattage when bolted to a larger metal chassis (heatsink). 2. **Protection:** The housing protects the internal resistive element from mechanical vibration and harsh environmental conditions. ### B. Inductive vs. Non-Inductive Most standard MEH resistors are **wire-wound**. While excellent for power handling, they have inherent inductance. If the specific part number implies a non-inductive winding (often designated by an "N" elsewhere in the code), it is suitable for high-frequency applications. ### C. Termination Style The "XBX" and "R" suffixes typically refer to the terminal configuration and RoHS compliance: * **Terminals:** Usually features solder lugs or threaded studs for heavy-duty wiring. * **RoHS:** The "**-R**" suffix confirms that the part is Lead-Free and compliant with Restriction of Hazardous Substances regulations. --- ## 3. Common Applications Due to its high power-to-size ratio, the MEH53XBX-R is frequently found in: 1. **Braking Resistors:** Used in motor control circuits to dissipate energy during deceleration. 2. **Load Testing:** Used as a dummy load for testing power supplies. 3. **Current Sensing:** In high-power circuits where a low-resistance, high-wattage shunt is required. 4. **Inrush Current Limiting:** Protecting circuits from sudden power surges during startup. --- ## 4. Operational Requirements > [!IMPORTANT] > To achieve the full **50W rating**, this part **must** be mounted on an appropriate heatsink with thermal grease. Without a heatsink, the power handling capacity drops significantly (often by 50-80%) to prevent the component from burning out.
    ✨ Follow-up Questions
    • ⤷ What is the derating curve for this resistor when used without a heatsink?
    • ⤷ Does the XBX designation refer to a specific terminal orientation?
    • ⤷ Are there non-inductive alternatives available for high-frequency switching?