Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH56XBD-R

  • AI
    The **MEH56XBD-R** is a specific model of an **Encoder**, typically manufactured by companies like *Tamagawa Seiki*. These components are critical in motion control systems, serving as the "eyes" of a motor by providing feedback on position, speed, and direction. --- ## 1. Component Overview The MEH56XBD-R is a **Hollow Shaft Incremental Rotary Encoder**. It is designed to be mounted directly onto a motor shaft, saving space compared to solid-shaft models that require couplings. ### Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Mounting Style** | Hollow Shaft (Through-hole) | | **Outer Diameter** | 56 mm | | **Resolution** | Varies by sub-model (Commonly 1000 to 5000 P/R) | | **Output Phase** | A, B, and Z (Index) phases | | **Output Type** | Line Driver (usually) or Open Collector | | **Supply Voltage** | Typically 5V DC or 10-30V DC | --- ## 2. Key Electronic Features ### A. Incremental Output (A, B, Z) * **A and B Phases:** These signals are offset by 90 degrees (Quadrature). This allows the controller to determine the **direction** of rotation based on which phase leads the other. * **Z Phase (Index):** This provides one pulse per full revolution, used to establish a reference "Home" position. ### B. Line Driver Output (The "BD" Designation) The "BD" in the part number often signifies a **Differential Line Driver** output. * **Noise Immunity:** It sends both a signal and its inverted complement (e.g., A and /A). * **Long Distance:** This allows the signal to travel over longer cables without being corrupted by Electromagnetic Interference (EMI) from the motor. ### C. Electrical Protection Most MEH series encoders include: * **Reverse Polarity Protection:** Prevents damage if the power wires are connected backwards. * **Short-Circuit Protection:** Protects the output stages if the signal wires touch ground or VCC. --- ## 3. Connection Pinout (Typical) *Note: Always verify with the specific datasheet for your serial number, as wire colors can vary.* | Wire Color | Signal | Description | | :--- | :--- | :--- | | Red | Vcc | Power Supply (+) | | Black | 0V | Common / Ground | | Blue | A | Channel A Signal | | White | B | Channel B Signal | | Yellow | Z | Index Signal | | Shield | FG | Frame Ground (Drain wire) | --- ## 4. Common Applications 1. **CNC Machinery:** For precise spindle or axis positioning. 2. **Servo Motors:** Providing feedback loops for closed-loop control systems. 3. **Robotics:** Tracking the angular position of robotic joints. 4. **Conveyor Systems:** Synchronizing speeds between multiple belts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MEH56XBD-R?
    • ⤷ How do I troubleshoot a 'no signal' error from this encoder?
    • ⤷ Can this encoder be replaced by a solid-shaft model using an adapter?