Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH58XAX-R

  • AI
    The **MEH58XAX-R** is a high-performance, hollow-shaft incremental encoder typically manufactured by companies like **Hengstler** or part of a series distributed for industrial automation. It is designed to convert mechanical rotation into electrical pulses to monitor speed, position, or acceleration. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below are the typical electronic and mechanical characteristics associated with this series: | Feature | Specification | | :--- | :--- | | **Encoder Type** | Incremental | | **Shaft Design** | Hollow Shaft (End-to-End or Blind) | | **Outer Diameter** | 58 mm (Standard Industrial Size) | | **Output Signals** | A, B, and Index (Z) with inverted channels (A/, B/, Z/) | | **Operating Voltage** | Typically 5V DC or 10-30V DC | | **Output Driver** | Push-Pull or RS422 (Line Driver) | | **Connection Type** | Radial Cable or M23/M12 Connector | --- ### 2. Key Electronic Components The internal architecture of the MEH58 series consists of four primary stages: #### A. Optical Sensing Module * **LED Source:** An infrared LED that projects light through a graduated disk. * **Code Disk:** A high-precision glass or plastic disk with etched lines that block/pass light. * **Photodiode Array:** Receives light pulses and converts them into low-level analog currents. #### B. Signal Processing (ASIC) * The raw analog signals are processed by an internal **ASIC (Application-Specific Integrated Circuit)**. * It performs **Interpolation** to increase resolution and **Digitization** to convert sine waves into square waves. #### C. Output Driver Stage * **Push-Pull (HTL):** Used for long cable runs and high noise immunity (typically 10-30V). * **RS422 (TTL):** Differential signaling used for high-speed data transfer and resistance to electromagnetic interference (EMI). #### D. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the power supply wires are swapped. * **Short-Circuit Protection:** Protects the output stages from wiring errors. --- ### 3. Pinout / Wiring Logic (Typical) Most encoders in this class follow a standard color-coding or pin assignment: | Color/Pin | Signal | Description | | :--- | :--- | :--- | | Red | Vcc | Positive Supply Voltage | | Black | GND | Ground/0V | | Brown | A | Channel A (Position/Speed) | | Green | B | Channel B (Direction) | | Orange | Z | Index Pulse (Reference) | | Blue/White | A/, B/, Z/ | Inverted signals for noise cancellation | --- ### 4. Applications The MEH58XAX-R is commonly found in: * **CNC Machines:** For precise spindle or axis positioning. * **Elevator Motors:** To monitor speed and floor leveling. * **Packaging Lines:** To synchronize conveyor belts. * **Textile Machinery:** For high-speed rotation monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse per revolution (PPR) supported by the MEH58 series?
    • ⤷ How do I troubleshoot a 'no signal' error on an incremental encoder?
    • ⤷ What is the difference between the Push-Pull and RS422 output drivers in this model?