Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH58XBA-R

  • AI
    The **MEH58XBA-R** is a high-performance industrial rotary encoder, typically manufactured by brands like **Hengstler** or under specific industrial automation series. It is designed to convert mechanical motion into electrical signals for precise position and speed sensing. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the MEH58 series, here are the core electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Outer Diameter** | 58 mm (Standard Industrial Size) | | **Shaft Type** | Hollow Shaft (indicated by "H") | | **Resolution** | Usually ranges from 1 to 10,000 pulses per revolution (PPR) | | **Supply Voltage** | Typically 5V DC or 10-30V DC | | **Output Signals** | A, B, and Z (Index) channels + inverted signals | | **Interface** | Push-Pull (HTL) or RS422 (TTL) | --- ### 2. Internal Electronic Components The device functions through a combination of optical and electronic subsystems: #### A. The Optical System * **LED Emitter:** A high-reliability infrared LED that shines through a coded disc. * **Code Disc:** A rotating glass or plastic disc with etched radial lines that interrupt the light beam. * **Photo-Detector Array:** A specialized ASIC (Application Specific Integrated Circuit) that receives the light pulses and converts them into low-level electrical currents. #### B. Signal Processing Electronics * **Comparator/Schmitt Trigger:** Squares the analog sine-wave signals from the sensors into clean digital square waves. * **Output Driver:** The "XBA" segment of the model code often refers to specific electrical output configurations. This stage amplifies the signal to ensure it can travel over long cables without significant noise interference. * **Protection Circuitry:** Includes polarity reversal protection and short-circuit proofing to prevent damage during installation. --- ### 3. Wiring and Connection The "R" suffix usually denotes a **Radial** connection (connector or cable exiting from the side). Below is a typical pinout for this class of encoder: | Wire Color / Pin | Signal | Description | | :--- | :--- | :--- | | Brown/Red | Vcc | Positive Supply Voltage | | White/Black | GND | 0V Ground | | Green | A | Phase A (Position/Speed) | | Yellow | B | Phase B (Direction - 90° offset) | | Grey | Z | Index Pulse (Reference point) | | Shield | Case | Electromagnetic Interference Protection | --- ### 4. Applications The MEH58XBA-R is commonly integrated into the following systems: 1. **CNC Machines:** To track the precise location of the tool head. 2. **Motor Feedback:** Mounted on the rear of AC/DC motors to provide closed-loop speed control. 3. **Conveyor Systems:** To synchronize the speed of multiple belts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse frequency supported by the MEH58XBA-R?
    • ⤷ How do I troubleshoot a 'no signal' error on this encoder?
    • ⤷ What is the difference between the 'Radial' and 'Axial' versions of this model?