Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH62XAA-R

  • AI
    The **MEH62XAA-R** is a specific model of an **Axial AC Fan**, typically manufactured by **Nidec (formerly cooling fan divisions of major electronics corporations)**. These fans are engineered for high-performance cooling in industrial equipment, servers, and power supplies. --- ### 1. Technical Specifications The following table highlights the core electronic and mechanical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 115V AC (Standard) | | **Frequency** | 50/60 Hz | | **Current Draw** | ~0.20A to 0.25A (Varies by load) | | **Power Consumption** | ~18W - 22W | | **Bearing Type** | Dual Ball Bearing (High Reliability) | | **Frame Material** | Die-cast Aluminum | | **Impeller Material** | Plastic (PBT) / UL94V-0 Rated | | **Termination** | Wire Leads or Terminals (Depending on suffix) | --- ### 2. Key Electronic Features #### A. Motor Architecture The fan utilizes a **Shaded Pole Motor** or a **Permanent Split Capacitor (PSC)** design. These are common in AC fans because they do not require brushes, which significantly extends the operational lifespan and reduces electromagnetic interference (EMI). #### B. Thermal Protection The "R" in the suffix often denotes specific protection features. Most units in this series include **Impedance Protection**. This ensures that if the fan blades are obstructed (locked rotor), the internal coils are designed to resist overheating and catching fire by limiting the current flow. #### C. Bearing System The use of **Dual Ball Bearings** is a critical electronic-mechanical choice. Unlike sleeve bearings, ball bearings allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan or increasing noise levels. --- ### 3. Physical Dimensions Standard sizing for the MEH62 series follows the industrial 120mm profile: * **Width/Height:** 120 mm x 120 mm * **Depth:** 38 mm --- ### 4. Typical Applications * **Network Enclosures:** Cooling for switches and routers. * **Industrial Control Panels:** Heat dissipation for PLCs and Power Supplies. * **Medical Equipment:** Reliable airflow for sensitive diagnostic tools. * **Vending Machines:** Air circulation for refrigeration or electronics compartments.
    ✨ Follow-up Questions
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific fan series?
    • ⤷ How does impedance protection differ from thermal fuse protection in AC fans?
    • ⤷ Are there DC-equivalent models that offer PWM speed control for this size?