Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH66ZAX-R

  • AI
    The **MEH66ZAX-R** is a specific model of an absolute rotary encoder, typically manufactured by **Nemicon** (a Nidec Group company). This component is designed to measure the angular position of a shaft and convert it into a digital signal. ### Technical Overview The "MEH" series usually refers to high-resolution magnetic absolute encoders. Unlike incremental encoders, absolute encoders retain their position data even after power is lost. --- ### Core Specifications | Feature | Description | | :--- | :--- | | **Type** | Magnetic Absolute Rotary Encoder | | **Resolution** | Typically 10-bit to 12-bit (1024 to 4096 positions per turn) | | **Output Interface** | Gray Code or Binary (Parallel or SSI depending on sub-variant) | | **Supply Voltage** | Usually 5V DC or 10-30V DC | | **Shaft Style** | Hollow Shaft (indicated by "H") | | **Body Size** | Approximately 66mm diameter | --- ### Key Electronic Components & Functions #### 1. Magnetic Sensing Array Instead of an optical disk, the MEH66ZAX-R uses a permanent magnet attached to the rotating shaft. A specialized **Hall Effect sensor** or **Magnetoresistive (MR) IC** sits stationary above it. It detects the change in the magnetic field as the shaft rotates. #### 2. Processing Circuitry (ASIC) The raw analog signals from the magnetic sensor are processed by an internal **ASIC (Application-Specific Integrated Circuit)**. This chip performs: * **Interpolation:** Increasing the resolution of the magnetic readings. * **Error Correction:** Compensating for temperature drift or magnet misalignment. * **Encoding:** Converting the position into **Gray Code** to prevent errors during state transitions. #### 3. Output Stage (Drivers) The "R" suffix often denotes the specific output driver configuration. These are typically: * **Line Drivers:** Used for long-distance transmission to minimize electrical noise interference. * **Open Collector:** Used for simple interfacing with PLC inputs. #### 4. Protection Circuitry The internal PCB includes protection against: * **Reverse Polarity:** Prevents damage if the power wires are swapped. * **Surge Protection:** Guards against voltage spikes common in industrial environments. --- ### Typical Applications * **Robotic Arms:** For precise joint positioning. * **CNC Machines:** To track tool turret orientation. * **Medical Equipment:** High-reliability positioning in imaging machines. * **Factory Automation:** Used in conveyor systems and sorting gates.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Gray Code and Binary output in this encoder?
    • ⤷ How do I wire the MEH66ZAX-R to a standard PLC?
    • ⤷ Does this model support Multi-turn or only Single-turn positioning?